Electronic Components Datasheet Search
  English  ▼

X  

CMD109 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD109
Description  7.2 / 7.9 Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD109 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD109 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD109
7.2 / 7.9 Diplexer
The CMD109 is factory tunable over the frequency range of 7200 – 7900 MHz. Either channel can be selected
as the High or Low path. T/R spacing can be as close as 155 MHz with a maximum of 245 MHz. Contact
CMT to discuss your specific application.
Passbands:
7200 - 7900 MHz
Bandwidth:
60 – 115 MHz min. / max.
T/R Spacing:
155 MHz min.
245 MHz max.
Insertion Loss:
1.5 dB max.
Return Loss:
15.0 dB min..
Ch. to Ch. Isolation:
65 dB min.
Operating Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD109

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Visual Communications C...
CMD1000-250-04-D VCC-CMD1000-250-04-D Datasheet
105Kb / 1P
MultiPak SpaceSetter
logo
Frontier Electronics.
CMD100T0804AT FRONTIER-CMD100T0804AT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804BT FRONTIER-CMD100T0804BT Datasheet
150Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804CT FRONTIER-CMD100T0804CT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
More results

Similar Description - CMD109

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
7.2 x 7.2 mm Rotary DIP Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
logo
Mini-Circuits
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
Diplexer
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
Diplexer
logo
Telit loT Solutions
UE910-EU TELIT-UE910-EU Datasheet
644Kb / 2P
HSPA 7.2/5.76 Embedded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com