Electronic Components Datasheet Search
  English  ▼

X  

CMA806 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMA806
Description  AWS / BAS Interference Mitigation Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMA806 Datasheet(HTML) 1 Page - API Technologies Corp

  CMA806 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B • Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
 
CMA806 
AWS / BAS Interference Mitigation Filter 
Revision 3  ●  February 1, 2012 
 
 
Passband 1:  
 
2030 – 2109.5 MHz 
Insertion Loss:  
2.20 dB max.  
Return Loss:  
 
15 dB min. 
 
Passband 2:  
 
2450 – 2500 MHz 
Insertion Loss:  
0.3 dB max. 
Return Loss:  
 
18.0 dB min. 
 
Rejection:  
 
60 dB min  
2110.6 – 2121.5 MHz 
     
Connectors:  
 
Type “N” Female  
Operational Temp:  
+20°C to +40°C 
Finish:  
 
Unpainted, Silver Finish 
 


Similar Part No. - CMA806

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMA806-2 APITECH-CMA806-2 Datasheet
100Kb / 1P
AWS / BAS Interference Mitigation Filter
More results

Similar Description - CMA806

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9443 EPCOS-B9443 Datasheet
94Kb / 9P
SAW Tx filter AWS
logo
API Technologies Corp
CMA806-2 APITECH-CMA806-2 Datasheet
100Kb / 1P
AWS / BAS Interference Mitigation Filter
logo
MORNSUN Science& Techno...
FILTER2 MORNSUN-FILTER2 Datasheet
194Kb / 1P
ANTI-INTERFERENCE FILTER
FILTER2D-A3-SK MORNSUN-FILTER2D-A3-SK Datasheet
190Kb / 1P
ANTI-INTERFERENCE FILTER
FILTER2D-B3-SK MORNSUN-FILTER2D-B3-SK Datasheet
192Kb / 2P
ANTI-INTERFERENCE FILTER
FILTER2D-C3-SK MORNSUN-FILTER2D-C3-SK Datasheet
195Kb / 2P
ANTI-INTERFERENCE FILTER
FILTER2T MORNSUN-FILTER2T Datasheet
194Kb / 1P
ANTI-INTERFERENCE FILTER
logo
WAGO Kontakttechnik Gmb...
787-980 WAGO-787-980 Datasheet
478Kb / 6P
Radio interference suppression filter, 1-phase; Radio interference
logo
Transko Electronics, In...
TA1732AM TRANSKO-TA1732AM Datasheet
439Kb / 4P
AWS, RF-Tx SAW Filter
Revision 0:
TA1732BM TRANSKO-TA1732BM Datasheet
421Kb / 4P
AWS Tx, RF SAW Filter
Revision 0: January 2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com