Electronic Components Datasheet Search
  English  ▼

X  

DB25SN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DB25SN
Description  PCB layouts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DB25SN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DB25SN Datasheet HTML 1Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 2Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 3Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 4Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 5Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A
25.00
33.32
47.04
63.50
61.10
connectors
D range
Special D
Standard D
Crimp D
High Density D
FEATURES
Shell
Insulator
Contact
Termination – solder bucket
– straight PC
– 90º PC
– CRIMP
MECHANICAL
Operations
Temperature range
ELECTRICAL
Current – individual contact
(in isolation) at 70ºC
– All contacts
(simultaneously) at 70ºC
Working voltage (DC or AC
PEAK)
Proof voltage (DC or AC PEAK)
Contact resistance
Insulation resistance
Technical Data
Steel plated zinc/yellow passivate or tin
Thermoplastic rated UL94V-O
Copper alloy plated hard acid gold
Tin
Gold
–
Tin
Tin
Gold
–
Tin
Tin
Gold
–
Tin
–
–
Tin or Gold
Tin
100
300 (budget)
300 (budget)
100
500 (standard)
500 (standard)
50 or 200 crimp
-55ºC to +105ºC
3A
6.5A
3A
3A
2A
3.3A
2A
2A
350V
500V
350V
300V
1500V
1500V
1500V
1000V
15m
Ω max
10m
Ω max
15m
Ω max
15m
Ω max
5000m
Ω min
1000m
Ω min
5000m
Ω min
1000m
Ω min
Shell
size
E
A
B
C
D
D,SD,LD
9
15
25
37
50
HD
15
26
44
62
78
No of Contacts
Std
20.32
28.70
42.42
58.93
56.26
Float
21.16
29.49
43.20
59.77
57.02
E
Std
11.30
11.30
11.30
11.30
13.97
Float
12.09
12.09
12.09
12.09
14.78
F
3.50
3.50
3.50
3.50
3.50
R
Std
22.07
30.40
44.14
60.60
58.21
Float
22.88
31.22
44.96
61.42
59.44
E
Std
12.90
12.90
12.90
12.90
15.69
Float
13.71
13.71
13.71
13.71
16.51
F
2.25
2.25
2.25
2.25
2.25
R
Contact Arrangement
Rear Panel Mounting
Front Panel Mounting
Panel
R
R
A
E
10º
F
3±0.1
Panel
R
R
A
E
10º
F
3±0.1
All ranges: panel mounting options
Rear Panel Mounting
Front Panel Mounting



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com