Electronic Components Datasheet Search
  English  ▼

X  

CWDM3011N Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CWDM3011N
Description  SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CWDM3011N Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CWDM3011N Datasheet HTML 1Page - Central Semiconductor Corp CWDM3011N Datasheet HTML 2Page - Central Semiconductor Corp CWDM3011N Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CWDM3011N
SURFACE MOUNT SILICON
N-CHANNEL
ENHANCEMENT-MODE
MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CWDM3011N is
a high current silicon N-Channel enhancement-mode
MOSFET designed for high speed pulsed amplifier
and driver applications. This energy efficient MOSFET
offers beneficially low rDS(ON), low gate charge, and
low threshold voltage.
MARKING CODE: C3011N
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (Steady State)
ID
11
A
Maximum Pulsed Drain Current, tp=10μs
IDM
50
A
Power Dissipation
PD
2.5
W
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJA
50
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR VGS=20V, VDS=0
100
nA
IDSS
VDS=30V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
30
V
VGS(th)
VGS=VDS, ID=250μA
1.0
1.8
3.0
V
VSD
VGS=0, IS=2.6A
1.2
V
rDS(ON)
VGS=10V, ID=11A
14
20
mΩ
rDS(ON)
VGS=4.5V, ID=9.0A
18
30
mΩ
Crss
VDS=15V, VGS=0, f=1.0MHz
100
pF
Ciss
VDS=15V, VGS=0, f=1.0MHz
860
pF
Coss
VDS=15V, VGS=0, f=1.0MHz
120
pF
Qg(tot)
VDD=15V, VGS=5.0V, ID=10A
6.3
nC
Qgs
VDD=15V, VGS=5.0V, ID=10A
2.0
nC
Qgd
VDD=15V, VGS=5.0V, ID=10A
2.3
nC
ton
VDD=15V, VGS=10V, ID=10A
20
ns
toff
RG=0.3Ω
43
ns
FEATURES:
• Low rDS(ON)
• High current
• Low gate charge
APPLICATIONS:
• Load/Power switches
• DC-DC converter circuits
• Power management
SOIC-8 CASE
R1 (13-August 2013)
www.centr a lsemi.com


Similar Part No. - CWDM3011N

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CWDM3011N DOINGTER-CWDM3011N Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Central Semiconductor C...
CWDM3011N CENTRAL-CWDM3011N_15 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CWDM3011N

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM303NH CENTRAL-CMPDM303NH Datasheet
349Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7001 CENTRAL-CEDM7001 Datasheet
361Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7004 CENTRAL-CEDM7004 Datasheet
1,006Kb / 3P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7001 CENTRAL-CMUDM7001 Datasheet
347Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7002A-M621H CENTRAL-CTLDM7002A-M621H Datasheet
422Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M563 CENTRAL-CTLDM7120-M563 Datasheet
643Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CZDM1003N CENTRAL-CZDM1003N Datasheet
940Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CTLDM3590 CENTRAL-CTLDM3590 Datasheet
1Mb / 3P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7002AE CENTRAL-CEDM7002AE_15 Datasheet
811Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM7120G CENTRAL-CMLDM7120G_15 Datasheet
553Kb / 3P
SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com