Electronic Components Datasheet Search
  English  ▼

X  

HD160C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HD160C
Description  HD160C Technical Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD160C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HD160C Datasheet HTML 1Page - List of Unclassifed Manufacturers HD160C Datasheet HTML 2Page - List of Unclassifed Manufacturers HD160C Datasheet HTML 3Page - List of Unclassifed Manufacturers HD160C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.Amprobe.com
Amprobe® Test Tools
Data Sheet
©2007 Amprobe Test Tools. All rights reserved.
3/2007 PN: 1646298 Rev C
HD160C Technical Specifications (continued)
Function
Range
Accuracy
Frequency
Ranges
100Hz, 1000Hz, 10kHz, 100kHz, 1000kHz, 10MHz
Resolution
0.01 Hz on 100 Hz range
Accuracy
±(0.1% rdg + 5 dgts)
Sensitivity
3 Hz to 1 MHz
>2.5 V ac rms
1MHz to 10MHz
>2.5 V ac rms, <5 V ac rms
Minimum input range
100 Hz range
>3 Hz;
1000 Hz range
>30 Hz
Minimum pulse width
> 25 ns
Duty cycle limits
> 30 % and < 70 %
Overload protection
1500 V dc or 1000 V ac rms
Included Accessories
Heavy Duty CAT IV 1000 V Test leads with threaded
alligator clips (TL1500), battery (installed), hex wrench
(inside holster), Holster with Magne-Grip strap, Type K
thermocouple probe (TP255), Temperature Adaptor (TA-1A)
and User Manual.
Optional Accessories
TL1500
Cat IV 1000 V Test Leads with Alligator Clips
CT235A
1000 A ac/dc Clamp
CT237A
200 A ac/dc Current Clamp
CT238A
20 A ac/dc Current Clamp
VC221B
Padded Vinyl Case. Fits meter & holster.
DC205C
Deluxe Hard-Shell Carry Case
DC207C
Large Deluxe Hard-Shell Carry Case with extra
space for accessories
HV231-10A High Voltage Probe
FP700
Replacement Fuse, 2 A/1500 V, pack of two
TA-1A
K-type thermocouple, temperature adapter
Amprobe® Test Tools
website: www.Amprobe.com
email: info@amprobe.com
6920 Seaway Blvd.
Everett, WA 98203
tel: 877-AMPROBE
Amprobe® Test Tools Europe
P.O. Box 1186
5602 BD Eindhoven
The Netherlands



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com