Electronic Components Datasheet Search
  English  ▼

X  

AV1408 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # AV1408
Description  single-chip voice synthesizing CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1408 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  AV1408 Datasheet HTML 1Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 2Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 3Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 4Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 5Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 6Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 7Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 8Page - Aplus Intergrated Circuits AV1408 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
APLUSMAKEYOURPRODUCTIONA-PLUS
AVxx08 Series
DATA SHEET
APLUS INTEGRATED CIRCUITS INC.
Address:
3 F-10, No. 32, Sec. 1, Chenggung Rd., Taipei,
Taiwan 115, R.O.C.
(115)台北市南港區成功路㆒段 32 號 3 樓之 10.
TEL: 886-2-2782-9266
FAX: 886-2-2782-9255
WEBSITE : http: //www.aplusinc.com.tw
Sales E-mail:
sales@aplusinc.com.tw
Technology E-mail:
service@aplusinc.com.tw


Similar Part No. - AV1408

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV141-321 ALPHA-AV141-321 Datasheet
543Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
logo
Aplus Intergrated Circu...
AV1416D APLUS-AV1416D Datasheet
249Kb / 9P
single-chip synthesizing CMOS VLSI
AV1416K APLUS-AV1416K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
AV1432E APLUS-AV1432E Datasheet
203Kb / 10P
3, 7, 14 Seconds Complicate Pure Speech
logo
Bourns Electronic Solut...
AV14K0805121HT BOURNS-AV14K0805121HT Datasheet
1Mb / 17P
High Temperature Automotive Grade Varistors
More results

Similar Description - AV1408

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141501P MOTOROLA-MC141501P Datasheet
36Kb / 1P
Single Chip Voice Memory System Low power Silicon-Gate CMOS
logo
Aplus Intergrated Circu...
API860G APLUS-API860G Datasheet
481Kb / 5P
single chip high quality voice synthesizer IC
AVXX16 APLUS-AVXX16 Datasheet
249Kb / 9P
single-chip synthesizing CMOS VLSI
AVXX16K APLUS-AVXX16K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX32A APLUS-AVXX32A Datasheet
392Kb / 13P
single-chip voice synthesizing CMOS IC
AVXXX-TGX8 APLUS-AVXXX-TGX8 Datasheet
269Kb / 13P
single-chip synthesizing CMOS VLSI
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
logo
ARTSCHIP ELECTRONICS CO...
AS2533 ARTSCHIP-AS2533 Datasheet
861Kb / 25P
Multi-Standard CMOS Single Chip Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com