Electronic Components Datasheet Search
  English  ▼

X  

338RPFE Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 338RPFE
Description  8-CHANNEL MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

338RPFE Datasheet(HTML) 3 Page - Maxwell Technologies

  338RPFE Datasheet HTML 1Page - Maxwell Technologies 338RPFE Datasheet HTML 2Page - Maxwell Technologies 338RPFE Datasheet HTML 3Page - Maxwell Technologies 338RPFE Datasheet HTML 4Page - Maxwell Technologies 338RPFE Datasheet HTML 5Page - Maxwell Technologies 338RPFE Datasheet HTML 6Page - Maxwell Technologies 338RPFE Datasheet HTML 7Page - Maxwell Technologies 338RPFE Datasheet HTML 8Page - Maxwell Technologies 338RPFE Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
09.12.02 Rev 3
All data sheets are subject to change without notice
©2002 Maxwell Technologies Inc.
All rights reserved.
8-CHANNEL MULTIPLEXER
338
TABLE 3. ELECTRICAL CHARACTERISTICS -DUAL SUPPLIES
(V+=15V,V-= -15V, GND =0V, V
AH =2.4V, VAL =0.8V, TA =TMIN TO TMAX, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
CONDITIONS
SUBGROUPS
MIN
TYP 1
MAX
UNITS
SWITCH
Analog Signal Range
V
NO,VCOM
1,2, 3
-15
--
1 5
V
On-Resistance
R
ON
I
NO =-
0.2mA
V
COM =
10V
T
A =25
oC
--
220
400
T
A =TMIN to
T
MAX
--
--
500
On-Resistance Match-
ing Between
Channels 2,3
DR
ON
I
NO =-
0.2mA
V
COM =10V
T
A =25
oC--
4
10
T
A =TMIN to
T
MAX
3
--
--
15
NO-Off Leakage Cur-
rent 4.
I
NO(OFF)
V
COM =
10V
V
NO =10V
V
EN =0V
T
A =25
oC
1-0.02
0.001
0.02
nA
T
A =TMIN to
T
MAX
2, 3
-20
--
20
COM-Off Leakage
Current 4
I
COM(OFF)
V
COM =10V
V
NO =10V
V
EN =0V
T
A =25
oC
1-0.05
0.05
0.05
nA
T
A =TMIN to
T
MAX
2, 3
-40
--
40
COM-On Leakage
Current 4
I
COM(ON)
V
COM =
10V
V
NO =10V
sequence
each
switch on
T
A =25
oC
1-0.05
0.06
0.05
nA
T
A =TMIN to
T
MAX
2, 3
-40
--
40
INPUT
Input Current with
Input Voltage High
I
AH
V
A = 2.4V or 15V
1, 2, 3
-1.0
0.001
1.0
uA
Input Current with
Input Voltage Low
I
AL
V
EN =0Vor 2.4V, VA =
0V
1, 2, 3
-1.0
--
1.0
uA
SUPPLY
Power-Supply Range
--
--
--
1, 2, 3
4.5
--
20
V
Positive Supply
Current
I+
V
EN =VA =
0V
V
EN =2.4V
V
A(ALL) =
2.4V
T
A =25
oC
1--
--
1
00
uA
T
A =TMIN to
T
MAX
2, 3
--
--
150
T
A =25
oC
1--
290
500
T
A =TMIN
to T
MAX
2, 3
--
--
600
Negative Supply
Current
I-
V
EN =0V or
2.4V
V
A(ALL) =0V
or 2.4V or
5V
T
A =25
oC1-1
--
1
uA
T
A =TMIN to
T
MAX
2, 3
-10
--
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com