Electronic Components Datasheet Search
  English  ▼

X  

AV2116K Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # AV2116K
Description  single-chip voice synthesizing CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV2116K Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button AV2116K Datasheet HTML 2Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 3Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 4Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 5Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 6Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 7Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 8Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 9Page - Aplus Intergrated Circuits AV2116K Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AVxx16K Series
Rev 1.1
2003/9/18
8
10. APPLICATION:
1 trigger, 3 LED, using internal oscillator
3 triggers, 1 LED, using internal oscillator
2 triggers, 1 LED, 1 motor, using external oscillator
OKY
Vdd
OSC
PWM1
IO1
GND
PWM2
IO2
OKY
Vdd
OSC
PWM1
IO1
GND
PWM2
IO2
OKY
Vdd
OSC
PWM1
IO1
GND
PWM2
IO2
OKY
Vdd
OSC
PWM1
IO1
GND
PWM2
IO2
Rosc=160KΩ (at 6kHz sample rate, option: I)
OKY
Vdd
OSC
PWM1
IO2
GND
PWM2
Rosc
IO1
OKY
Vdd
OSC
PWM1
IO2
GND
PWM2
Rosc
IO1
LED1 is flashing when PWM output enable.
8550
IO2 is set to output mode, select “Busy_Low active“ or “Sync output” for driving motor.
While driving motor, one capacitor is suggested to put between Vdd and GND.
0.1uF
* Notices: The above application circuits are for reference only, user can contact Aplus for more information.
LED1
LED1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com