Electronic Components Datasheet Search
  English  ▼

X  

BCAP0003 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # BCAP0003
Description  HC SERIES ULTRACAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0003 Datasheet(HTML) 1 Page - Maxwell Technologies

  BCAP0003 Datasheet HTML 1Page - Maxwell Technologies BCAP0003 Datasheet HTML 2Page - Maxwell Technologies BCAP0003 Datasheet HTML 3Page - Maxwell Technologies BCAP0003 Datasheet HTML 4Page - Maxwell Technologies BCAP0003 Datasheet HTML 5Page - Maxwell Technologies BCAP0003 Datasheet HTML 6Page - Maxwell Technologies BCAP0003 Datasheet HTML 7Page - Maxwell Technologies BCAP0003 Datasheet HTML 8Page - Maxwell Technologies BCAP0003 Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
Document number: 1013793.9
maxwell.com
DATASHEET
HC SERIES ULTRACAPACITORS
DATASHEET
HC SERIES ULTRACAPACITORS
FEATURES AND BENEFITS*
Up to 500,000 duty cycles or 10
year life
Low internal resistance
High power density
1F to 150F capacitance range
-40o to 85o C operating
temperature range
TYPICAL APPLICATIONS
Back-up power for cache-to-
flash applications
Smart Meters
Automotive subsystems
Consumer and industrial
electronics
Wireless transmitters
PRODUCT SPECIFICATIONS
ELECTRICAL
BCAP0001
BCAP0003
BCAP0005
BCAP0010
T01/T11/T12
Rated Capacitance1
1 F
3.3 F
5 F
10 F
Minimum Capacitance, initial1
0.8 F
2.6 F
4.0 F
8.0 F
Maximum ESR
DC, initial
1
700 mΩ
290 mΩ
170 mΩ
75 mΩ
Test Current for Capacitance and ESR
DC
1
0.1 A
0.33 A
0.5 A
1 A
Rated Voltage (65o/85oC)
2.70 / 2.30 V
2.70 / 2.30 V
2.70 / 2.30 V
2.70 / 2.30 V
Absolute Maximum Voltage2
2.85 V
2.85 V
2.85 V
2.85 V
Absolute Maximum Current
0.8 A
1.9 A
3.2 A
7.2 A
Leakage Current at 25oC, maximum3
0.006 mA
0.012 mA
0.015 mA
0.030 mA
TEMPERATURE
Operating temperature range
(Cell case temperature)
Minimum
-40oC
-40oC
-40oC
-40oC
Maximum
65o / 85oC
65o / 85oC
65o / 85oC
65o / 85oC
Storage temperature range
(Stored uncharged)
Minimum
-40oC
-40oC
-40oC
-40oC
Maximum
70oC
70oC
70oC
70oC
PHYSICAL
Mass, typical
1.1 g
1.7 g
2.3 g
3.5 g
Terminals
Wire Leads
Wire Leads
Wire Leads
Wire Leads
Vibration
-
-
-
-
Shock
-
-
-
-
*Results may vary. Additional terms and conditions, including the limited warranty, apply at the time of purchase.
See the warranty details and enclosed information for applicable operating and use requirements.


Similar Part No. - BCAP0003

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BCAP0310 MAXWELL-BCAP0310 Datasheet
1Mb / 5P
Round, radial mounting design for easy surface mount
BCAP0310 MAXWELL-BCAP0310 Datasheet
1Mb / 5P
BC SERIES ULTRACAPACITORS
BCAP0310 MAXWELL-BCAP0310_13 Datasheet
1Mb / 5P
BC SERIES ULTRACAPACITORS
BCAP0350 MAXWELL-BCAP0350 Datasheet
316Kb / 3P
Electric Double Layer Capacitor Round, solder lead type
BCAP0350 MAXWELL-BCAP0350 Datasheet
1Mb / 5P
Round, radial mounting design for easy surface mount
More results

Similar Description - BCAP0003

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
HC7425FPA FARADAY-HC7425FPA Datasheet
200Kb / 2P
HC SERIES HDTV FILTERS
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
PC SERIES ULTRACAPACITORS
logo
List of Unclassifed Man...
9B ETC2-9B Datasheet
482Kb / 1P
DIP HC-49S 9B SERIES
9C ETC2-9C Datasheet
386Kb / 1P
SMD HC-49S 9C SERIES
logo
Maxwell Technologies
BCAP0310 MAXWELL-BCAP0310_13 Datasheet
1Mb / 5P
BC SERIES ULTRACAPACITORS
BCAP0650 MAXWELL-BCAP0650 Datasheet
848Kb / 5P
K2 SERIES ULTRACAPACITORS
PC10 MAXWELL-PC10_13 Datasheet
1Mb / 5P
PC SERIES ULTRACAPACITORS
logo
List of Unclassifed Man...
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
Komatsulite HC Series Breaker
logo
Cornell Dubilier Electr...
CDHC CDE-CDHC Datasheet
613Kb / 3P
Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
logo
PHOENIX CONTACT
1660083 PHOENIX-1660083 Datasheet
80Kb / 2P
HC-VSH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com