Electronic Components Datasheet Search
  English  ▼

X  

BCAP0650 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # BCAP0650
Description  K2 SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0650 Datasheet(HTML) 4 Page - Maxwell Technologies

  BCAP0650 Datasheet HTML 1Page - Maxwell Technologies BCAP0650 Datasheet HTML 2Page - Maxwell Technologies BCAP0650 Datasheet HTML 3Page - Maxwell Technologies BCAP0650 Datasheet HTML 4Page - Maxwell Technologies BCAP0650 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
Document number: 1015370.4
maxwell.com
DATASHEET
K2 SERIES ULTRACAPACITORS
MOUNTING RECOMMENDATIONS
Do not reverse polarity. Please refer to document
number 1016419, available at maxwell.com for welding
recommendations.
MARKINGS
Products are marked with the following information:
Rated capacitance, rated voltage, product number,
name of manufacturer, positive terminal, warning
marking, serial number.
L
M12 X 1.75 - 6g
14
D2
53 MAX
2.8 MAX
UNTHREADED
LENGTH
LENGTH
2.8 MAX
UNTHREADED
14
M12 X 1.75 - 6g
D1
ANGLE ±0.5°
.XX ±.125
.X
±.25
9244 BALBOA AVENUE, SAN DIEGO, CA 92123 U.S.A
CHECKED
PROCESS ENGR
PRODUCTION ENGR
MECHANICAL ENGR
QUALITY ENGR
1
2
3
4
4
3
2
1
A
B
C
D
D
C
B
A
DRAWN
DESIGN ENGR
TEST ENGR
B-PG1 REV A 7/01
SCALE
DOC. NO.
SHEET
DO NOT SCALE DRAWING
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED, ALL DIMENSIONS
ARE IN MILLIMETERS AFTER PLATING.
BREAK EDGES 0.3
LATHE FINISH 63 µINCH, MILL FINISH 125 µINCH
X.XXX DIAMETERS
0.125 TIR X.XXX DIA
SURFACES
&
0.025mm
APPROVALS
DATE
SIZE
CAGE CODE
PART NO.
REV
B 68911
DESCRIPTION
CO
DESCRIPTION
REV
REVISIONS
2:1
1 OF 1
N/A
REV
5
3000-T
R.DUBINSKAYA
3/2/2011
PER IFS
PER IFS
X/X ±.5
NOTICE:
THE INFORMATION CONTAINED IN THIS
DOCUMENT IS MAXWELL CONFIDENTIAL
INFORMATION AND IS THE SOLE PROPERTY
OF MAXWELL TECHNOLOGIES. ANY
REPRODUCTION IN PART OR WHOLE
WITHOUT WRITTEN PERMISSION OF
MAXWELL TECHNOLOGIES IS PROHIBITED.
CAUTION
CONTAINS PARTS AND/OR ASSEMBLIES
SUSCEPTIBLE TO DAMAGE BY
ELECTROSTATIC DISCHARGE (ESD)
3RD ANGLE PROJECTION
1
PROTOTYPE
BCAPxxxx P270 K04
60.7 0.7
60.4 0.2
3.180 0.125
14.00 0.05
14.00 0.05
3.180 0.125
A 0.3
53 MAX
R 0.6 MAX
R 0.6 MAX
0.5 MAX EDGE BREAK
0.5 MAX EDGE BREAK
MODEL
P/N WITH HEAT SHRINK TUBING
P/N WITH LABELS
A
BCAP0650
108700, 108700B
108294, 108294B
51.5
BCAP1200
108702, 108702B
108316, 108316B
74
BCAP1500
108704, 108704B
108324, 108324B
85
BCAP2000
108706, 108706B
108325, 108325B
102
BCAP3000
108708, 108708B
108058, 108058B
138
ANGLE ±0.5°
.XXX ±.125
.XX
±.25
9244 BALBOA AVENUE, SAN DIEGO, CA 92123 U.S.A
CHECKED
PROCESS ENGR
PRODUCTION ENGR
MECHANICAL ENGR
QUALITY ENGR
1
2
3
4
4
3
2
1
A
B
C
D
D
C
B
A
DRAWN
DESIGN ENGR
TEST ENGR
B-PG1 REV A 7/01
SCALE
DOC. NO.
SHEET
DO NOT SCALE DRAWING
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
ALL DIMENSIONS ARE IN MILIMETERS AFTER
PLATING.
BREAK SHARP EDGES
USE MINIMUM BEND RADII
APPROVALS
DATE
SIZE
CAGE CODE
PART NO.
REV
B 68911
DESCRIPTION
CO
DESCRIPTION
REV
REVISIONS
SEE TABLE
1:1
1 OF 1
N/A
REV
1014428
1
BCAP, ENVELOPE ASSY, K2, J
Material
ANODIZE, TYPE II
CLASS 2, PANTONE
286 BLUE
Author
9/13/2010
1
1
-
1
.X
±.5
NOTICE:
THE INFORMATION CONTAINED IN THIS
DOCUMENT IS MAXWELL CONFIDENTIAL
INFORMATION AND IS THE SOLE PROPERTY
OF MAXWELL TECHNOLOGIES. ANY
REPRODUCTION IN PART OR WHOLE
WITHOUT WRITTEN PERMISSION OF
MAXWELL TECHNOLOGIES IS PROHIBITED.
CAUTION
CONTAINS PARTS AND/OR ASSEMBLIES
SUSCEPTIBLE TO DAMAGE BY
ELECTROSTATIC DISCHARGE (ESD)
3RD ANGLE PROJECTION
REFERENCE IFS FOR APPROVAL AND APPROVAL
DATES
1
PRODUCTION RELEASE
BCAPxxxx P270 K05
L
D2
D1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com