Electronic Components Datasheet Search
  English  ▼

X  

BCAP2000 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # BCAP2000
Description  K2 SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP2000 Datasheet(HTML) 5 Page - Maxwell Technologies

  BCAP2000 Datasheet HTML 1Page - Maxwell Technologies BCAP2000 Datasheet HTML 2Page - Maxwell Technologies BCAP2000 Datasheet HTML 3Page - Maxwell Technologies BCAP2000 Datasheet HTML 4Page - Maxwell Technologies BCAP2000 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
Document number: 1015370.4
maxwell.com
Maxwell Technologies, Inc.
Global Headquarters
3888 Calle Fortunada
San Diego, CA 92123
USA
Tel: +1 858 503 3300
Fax: +1 858 503 3301
Maxwell Technologies SA
Route de Montena 65
CH-1728 Rossens
Switzerland
Tel: +41 (0)26 411 85 00
Fax: +41 (0)26 411 85 05
Maxwell Technologies, GmbH
Leopoldstrasse 244
80807 München
Germany
Tel: +49 (0)89 / 4161403 0
Fax: +49 (0)89 / 4161403 99
Maxwell Technologies
Shanghai Trading Co. Ltd.
Unit A2,C 12th Floor
Huarun Times Square
500 Zhangyang Road,
Pudong New Area
Shanghai 200122,
P.R. China
Phone: +86 21 3852 4000
Fax: +86 21 3852 4099
DATASHEET
K2 SERIES ULTRACAPACITORS
Maxwell Technologies Korea Co., Ltd.
Room 1524, D-Cube City
Office Tower, 15F #662
Gyeongin-Ro, Guro-Gu,
Seoul, 152-706
South Korea
Phone: +82 10 4518 9829
DATASHEET
K2 SERIES ULTRACAPACITORS
Part Description
Dimensions (mm)
Package Quantity
L (±0.3mm)
D1 (±0.2mm)
D2 (±0.7mm)
BCAP0650 P270 K04/05
51.5
60.4
60.7
30
BCAP1200 P270 K04/05
74
60.4
60.7
30
BCAP1500 P270 K04/05
85
60.4
60.7
30
BCAP2000 P270 K04/05
102
60.4
60.7
15
BCAP3000 P270 K04/05
138
60.4
60.7
15
Product dimensions are for reference only unless otherwise identified. Product dimensions and specifications may change without notice.
Please contact Maxwell Technologies directly for any technical specifications critical to application. All products featured on this datasheet are covered
by the following U.S. patents and their respective counterparts: 6643119, 7295423, 7342770, 7352558, 7384433, 7440258, 7492571, 7508651, 7580243,
7791860, 7791861, 7859826, 7883553, 7935155, 8072734, 8098481, 8279580, and patents pending.
MAXWELL TECHNOLOGIES, MAXWELL, MAXWELL CERTIFIED INTEGRATOR, ENABLING ENERGY’S FUTURE, BOOSTCAP, C CELL, D CELL and their respective
designs and/or logos are either trademarks or registered trademarks of Maxwell Technologies, Inc. and may not be copied, imitated or used, in whole or
in part, without the prior written permission from Maxwell Technologies, Inc. All contents copyright © 2013 Maxwell Technologies, Inc. All rights reserved.
No portion of these materials may be reproduced in any form, or by any means, without prior written permission from Maxwell Technologies, Inc.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com