Electronic Components Datasheet Search
  English  ▼

X  

BCAP3000 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # BCAP3000
Description  K2 SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP3000 Datasheet(HTML) 1 Page - Maxwell Technologies

  BCAP3000 Datasheet HTML 1Page - Maxwell Technologies BCAP3000 Datasheet HTML 2Page - Maxwell Technologies BCAP3000 Datasheet HTML 3Page - Maxwell Technologies BCAP3000 Datasheet HTML 4Page - Maxwell Technologies BCAP3000 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
Document number: 1015370.4
maxwell.com
DATASHEET
K2 SERIES ULTRACAPACITORS
FEATURES AND BENEFITS*
Up to 1,000,000 duty cycles or
10 year DC life
High power density
650F to 3,000F capacitance
range
Threaded terminals or laser-
weldable posts
TYPICAL APPLICATIONS
Automotive subsystems
Wind turbine pitch control
Hybrid vehicles
Rail
Heavy industrial equipment
UPS & telecom systems
PRODUCT SPECIFICATIONS
ELECTRICAL
BCAP0650
BCAP1200
BCAP1500
BCAP2000
BCAP3000
Rated Capacitance1
650 F
1,200 F
1,500 F
2,000 F
3,000 F
Minimum Capacitance, initial1
650 F
1,200 F
1,500 F
2,000 F
3,000 F
Maximum Capacitance, initial1
780 F
1,440 F
1,800 F
2,400 F
3,600 F
Maximum ESR
DC, initial
1
0.8 mΩ
0.58 mΩ
0.47 mΩ
0.35 mΩ
0.29 mΩ
Test Current for Capacitance and ESR
DC
1
65 A
75 A
100 A
100 A
100 A
Rated Voltage
2.70 V
2.70 V
2.70 V
2.70 V
2.70 V
Absolute Maximum Voltage2
2.85 V
2.85 V
2.85 V
2.85 V
2.85 V
Absolute Maximum Current
680 A
930 A
1150 A
1500 A
1900 A
Leakage Current at 25°C, maximum3
1.5 mA
2.7 mA
3.0 mA
4.2 mA
5.2 mA
TEMPERATURE
Operating temperature
(Cell case temperature)
Minimum
-40oC
-40oC
-40oC
-40oC
-40oC
Maximum
65oC
65oC
65oC
65oC
65oC
Storage temperature
(Stored uncharged)
Minimum
-40oC
-40oC
-40oC
-40oC
-40oC
Maximum
70oC
70oC
70oC
70oC
70oC
PHYSICAL
Mass, typical
160 g
260 g
280 g
360 g
510 g
Terminals
Threaded or
Weldable
Threaded or
Weldable
Threaded or
Weldable
Threaded or
Weldable
Threaded or
Weldable
Maximum Terminal Torque (K04)
14 Nm
14 Nm
14 Nm
14 Nm
14 Nm
Vibration Specification
ISO 16750, Table
14
ISO 16750, Table
14
ISO 16750, Table
14
ISO 16750, Table
14
ISO 16750, Table
14
Shock Specification
SAE J2464
SAE J2464
SAE J2464
SAE J2464
SAE J2464
*Results may vary. Additional terms and conditions, including the limited warranty, apply at the time of purchase.
See the warranty details and enclosed information for applicable operating and use requirements.


Similar Part No. - BCAP3000

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BCAP0001 MAXWELL-BCAP0001 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
BCAP0003 MAXWELL-BCAP0003 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
BCAP0005 MAXWELL-BCAP0005 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
BCAP0010 MAXWELL-BCAP0010 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
BCAP0310 MAXWELL-BCAP0310 Datasheet
1Mb / 5P
Round, radial mounting design for easy surface mount
More results

Similar Description - BCAP3000

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1449 GILWAY-155-1449 Datasheet
108Kb / 1P
L1024-K2 LENS-END LAMP
logo
Communications & Power ...
K275W CPI-K275W Datasheet
1Mb / 2P
K2 UHF-TV Cavity Amplifier
logo
PHOENIX CONTACT
1884490 PHOENIX-1884490 Datasheet
120Kb / 5P
VC-MEMV-K2
1884571 PHOENIX-1884571 Datasheet
111Kb / 5P
VC-MP-K2
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
PC SERIES ULTRACAPACITORS
BCAP0001 MAXWELL-BCAP0001 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
BCAP0310 MAXWELL-BCAP0310_13 Datasheet
1Mb / 5P
BC SERIES ULTRACAPACITORS
PC10 MAXWELL-PC10_13 Datasheet
1Mb / 5P
PC SERIES ULTRACAPACITORS
logo
Cornell Dubilier Electr...
CDHC CDE-CDHC Datasheet
613Kb / 3P
Type CDHC Snap-In Hybrid Carboncap Power Ultracapacitors
logo
PHOENIX CONTACT
2950666 PHOENIX-2950666 Datasheet
125Kb / 4P
EMG 45-RELS/K2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com