Electronic Components Datasheet Search
  English  ▼

X  

TSOP32136 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP32136
Description  IR Receiver Modules for Remote Control Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP32136 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP32136 Datasheet HTML 1Page - Vishay Siliconix TSOP32136 Datasheet HTML 2Page - Vishay Siliconix TSOP32136 Datasheet HTML 3Page - Vishay Siliconix TSOP32136 Datasheet HTML 4Page - Vishay Siliconix TSOP32136 Datasheet HTML 5Page - Vishay Siliconix TSOP32136 Datasheet HTML 6Page - Vishay Siliconix TSOP32136 Datasheet HTML 7Page - Vishay Siliconix TSOP32136 Datasheet HTML 8Page - Vishay Siliconix TSOP32136 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 82229
Rev. 1.2, 31-Jan-05
TSOP321..
Vishay Semiconductors
Block Diagram
Application Circuit
Absolute Maximum Ratings
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Electrical and Optical Characteristics
Tamb = 25 °C, unless otherwise specified
30 k
Ω
2
3
1
VS
OUT
Demo-
GND
Pass
AGC
Input
PIN
Band
dulator
Control Circuit
16835
C1 =
4.7 µF
TSOPxxxx
OUT
GND
µC
R1 = 100 Ω
+VS
GND
Transmitter
with
TSALxxxx
VS
R1 + C1 recommended to suppress power supply
disturbances.
VO
The output voltageshould not be hold continuously at
a voltage below VO = 2.0V by theexternal circuit.
17170
Parameter
Test condition
Symbol
Value
Unit
Supply Voltage
(Pin 2)
VS
- 0.3 to + 6.0
V
Supply Current
(Pin 2)
IS
3mA
Output Voltage
(Pin 1)
VO
- 0.3 to
(VS + 0.3)
V
Output Current
(Pin 1)
IO
10
mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
- 25 to + 85
°C
Operating Temperature Range
Tamb
- 25 to + 85
°C
Power Consumption
(Tamb ≤ 85 °C)
Ptot
30
mW
Soldering Temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Supply Current (Pin 2)
Ev = 0
ISD
0.7
1.2
1.5
mA
Ev = 40 klx, sunlight
ISH
1.3
mA
Supply Voltage
VS
2.7
5.5
V
Transmission Distance
Ev = 0, test signal see fig.1,
IR diode TSAL6200,
IF = 250 mA
d35
m
Output Voltage Low (Pin 1)
IOSL = 0.5 mA, Ee = 0.7 mW/m
2,
test signal see fig. 1
VOSL
250
mV
Minimum Irradiance (30 - 40
kHz)
VS = 3 V
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig.3
Ee min
0.2
0.4
mW/m2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com