Electronic Components Datasheet Search
  English  ▼

X  

LM556 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM556
Description  LM556 Dual Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM556 Datasheet(HTML) 5 Page - Texas Instruments

  LM556 Datasheet HTML 1Page - Texas Instruments LM556 Datasheet HTML 2Page - Texas Instruments LM556 Datasheet HTML 3Page - Texas Instruments LM556 Datasheet HTML 4Page - Texas Instruments LM556 Datasheet HTML 5Page - Texas Instruments LM556 Datasheet HTML 6Page - Texas Instruments LM556 Datasheet HTML 7Page - Texas Instruments LM556 Datasheet HTML 8Page - Texas Instruments LM556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Electrical Characteristics (Continued)
(T
A = 25˚C, VCC = +5V to +15V, unless otherwise specified)
Parameter
Conditions
Limits
Units
LM556C
Min
Typ
Max
Output Voltage Drop (High)
I
SOURCE = 200mA, VCC = 15V
12.5
V
I
SOURCE = 100mA, VCC = 15V
12.75
13.3
V
V
CC = 5V
2.75
3.3
V
Rise Time of Output
100
ns
Fall Time of Output
100
ns
Matching Characteristics
(Note 8)
Initial Timing Accuracy
0.1
2.0
%
Timing Drift with Temperature
±10
ppm/˚C
Drift with Supply Voltage
0.2
0.5
%/V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: For operating at elevated temperatures the device must be derated based on a +150˚C maximum junction temperature and a thermal resistance of 77˚C/W
(Plastic Dip), and 110˚C/W (SO-14 Narrow).
Note 3: Supply current when output high typically 1mA less at VCC =5V.
Note 4: Tested at VCC = 5V and VCC = 15V.
Note 5: As reset voltage lowers, timing is inhibited and then the output goes low.
Note 6: This will determine the maximum value of RA +RB for 15V operation. The maximum total (RA +RB)is20MΩ.
Note 7: No protection against excessive pin 1, 13 current is necessary providing the package dissipation rating will not be exceeded.
Note 8: Matching characteristics refer to the difference between performance characteristics of each timer section.
Note 9: Refer to RETS556X drawing of military LM556J versions.
Typical Performance Characteristics
Minimum Pulse Width Required for Triggering
DS007852-3
Supply Current vs. Supply Voltage (Each Section)
DS007852-4
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com