Electronic Components Datasheet Search
  English  ▼

X  

3382 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3382
Description  12 mm Rotary Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3382 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3382 Datasheet HTML 1Page - Bourns Electronic Solutions 3382 Datasheet HTML 2Page - Bourns Electronic Solutions 3382 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
16.0
(0.6)
EMBOSSED CARRIER
0.3
(0.0)
HEAT SEALED
1.5
(0.1)
DIA.
2.1
(0.1)
2.4
(0.1)
1.75
(0.069)
0.9
(0.0)
11.5
(0.5)
24.0
(0.9)
14.9
(0.6)
REF.
16.0
(0.6)
REF.
4.0
(0.2)
8.0
(0.3)
11.00
(0.433)
REF.
11.53
(0.454)
REF.
330.2 ± 5.1
(13.0 ± 0.2)
13.0 ± 0.5
(0.5 ± 0.0)
1.8 ± 0.3
(0.1 ± 0.0)
18.7 ± 0.8
(0.7 ± 0.0)
99.1 ± 1.0
(3.9 ± 0.0)
16.5 ± 2.0 / -.000
(0.7 ± 0.1 / -0.000)
REEL
TAPE
EQUAL SPACED 3 PLCS.
DIA.
DIA.
DIA.
103G-1
TAIWAN
103G-1
TAIWAN
REV. 06/12
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3382 - 12 mm Rotary Position Sensor
Packaging Specifications
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com