Electronic Components Datasheet Search
  English  ▼

X  

LM810 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM810
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM810 Datasheet(HTML) 2 Page - Texas Instruments

  LM810 Datasheet HTML 1Page - Texas Instruments LM810 Datasheet HTML 2Page - Texas Instruments LM810 Datasheet HTML 3Page - Texas Instruments LM810 Datasheet HTML 4Page - Texas Instruments LM810 Datasheet HTML 5Page - Texas Instruments LM810 Datasheet HTML 6Page - Texas Instruments LM810 Datasheet HTML 7Page - Texas Instruments LM810 Datasheet HTML 8Page - Texas Instruments LM810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM809, LM810
SNVS052D – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
Pin Descriptions
PIN
NAME
FUNCTION
SON
SOT-23
1
1
GND
Ground reference
Active-low output. RESET remains low while VCC is below the reset threshold, and for
RESET (LM809)
240ms after VCC rises above the reset threshold.
3
2
Active-high output. RESET remains high while VCC is below the reset threshold, and for
RESET (LM810)
240ms after VCC rises above the reset threshold.
5
3
VCC
Supply Voltage (+5V, +3.3V, or +3.0V)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VCC
−0.3V to 6.0V
RESET, RESET
−0.3V to (VCC+ 0.3V)
Input Current, VCC Pin
20mA
Output Current, RESET, RESET Pin
20mA
Rate of Rise, VCC
100V/µs
ESD Rating(3)
2kV
Continuous Power Dissipation(4)
320mW
Thermal Resistance,
θJA
SON-6
152°C/W
SOT-23-3
326°C/W
Ambient Temperature Range
−40°C to +105°C
Maximum Junction Temperature
125°C
Storage Temperature Range
−65°C to +160°C
Lead Temperature (soldering, 10sec)
+300°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which the
device operates correctly. Operating ratings do not imply ensured performance limits. For specified performance limits and associated
test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(4)
At elevated temperatures, devices must be derated based on package thermal resistance. The device in the SOT-23-3 package must be
derated at 4mW/°C at ambient temperatures above 70°C. The device has internal thermal protection.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM809 LM810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com