Electronic Components Datasheet Search
  English  ▼

X  

LM4862 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4862
Description  LM4862 675 mW Audio Power Amplifier with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4862 Datasheet(HTML) 4 Page - Texas Instruments

  LM4862 Datasheet HTML 1Page - Texas Instruments LM4862 Datasheet HTML 2Page - Texas Instruments LM4862 Datasheet HTML 3Page - Texas Instruments LM4862 Datasheet HTML 4Page - Texas Instruments LM4862 Datasheet HTML 5Page - Texas Instruments LM4862 Datasheet HTML 6Page - Texas Instruments LM4862 Datasheet HTML 7Page - Texas Instruments LM4862 Datasheet HTML 8Page - Texas Instruments LM4862 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM4862
SNAS102F – MAY 1997 – REVISED MAY 2013
www.ti.com
External Components Description
(Figure 1)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass filter
with Ci at fc = 1/(2πRiCI).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifier's input terminals. Also creates a highpass filter with Ri
at fc = 1/(2πRiCi). Refer to PROPER SELECTION OF EXTERNAL COMPONENTS for an explanation of how to determine
the value of Ci.
3.
RF
Feedback resistance which sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to POWER SUPPLY BYPASSING for proper
placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to PROPER SELECTION OF EXTERNAL COMPONENTS
for proper placement and selection of the half-supply bypass capacitor.
4
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LM4862



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com