Electronic Components Datasheet Search
  English  ▼

X  

CA1886 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CA1886
Description  For maintenance and building inspections, RayCAm sees everything!
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CA1886 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CA1886 Datasheet HTML 1Page - List of Unclassifed Manufacturers CA1886 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA1886 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA1886 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AdVAntAges
The RayCAms’ design and the technologies used to manufacture them provide a wide
range of advantages. Their ergonomic design means comfortable measurement even
in places where access is difficult:
●
IP 54 leakproofing
●
excellent legibility thanks to its multidirectional screen,
even in places where access is difficult
●
comfortable handling due to its pistol shape
Lens speCifiCATions
The C.A 1884 & C.A 1886 are delivered with a 20° x 15° lens. The C.A 1888 is equipped with a 24° x 18° lens.
0.1 m
0.3 m 0.5 m 1 m
2 m
6 m
10 m
30 m
100 m
20° x 15° 2.2 mrad 10 cm HFOV (m)
0.03
0.10
0.17
0.35
0.70
2.11
3.52
10.57
35.26
VFOV (m)
0.02
0.07
0.13
0.26
0.52
1.57
2.63
7.89
26.33
IFOV (mm)
0.22
0.66
1.10
2.20
4.40
13.22
22.04
66.12
220.40
PPOM (mm)
0.66
1.98
3.30
6.60
13.20
39.66
66.12
198.36
661.20
24° x 18° 1.3 mrad 10 cm HFOV (m)
0.05
0.15
0.25
0.5
1
5.99
4.99
14.98
49.92
VFOV (m)
0.04
0.11
0.19
0.37
0.75
4.49
3.74
11.23
37.44
IFOV (mm)
0.13
0.39
0.65
1.3
2.6
7.8
13
39
130
PPOM (mm)
0.39
1.17
1.95
3.9
7.8
23.4
39
117
390
eLectricAL AppLicAtions
circuit-breaker / generator
• detection of damaged fuses
and bad connections
• verification of correct heat diffusion
in the generator
mecHAnicAL AppLicAtions
electric motors
• detection of internal component anomalies
or malfunctions to prevent motor
overheating
tHermAL AppLicAtions
water leaks / energy losses
• energy consumption monitoring /
building inspections
• location of losses (heating, insulation, etc.)
peRfoRmAnCe:
●
automatic detection of hottest/coldest point
●
parameter settings affecting measurement:
• adjustable emissivity
• adjustment of measurement distance
• parameters for defining relative humidity and ambient temperature
●
parameterizable alarms
●
isotherm function
●
storage capacity of 1,000 radiometric images organized in 250 folders
and back-up on SD card with the C.A 1886 and C.A 1888
With the new RayCAms, users can choose the mode for viewing the target: infrared, real or a mix of both
with the «mixVision» function. This allows you to adjust the transparency (in %) of the infrared image in
relation to the real image, thus helping to identify problem areas immediately.
•
HfoV and VfoV represent the horizontal and vertical fields of view, respectively.
•
ifoV corresponds to the camera’s spatial resolution, i.e. what a detector sees. The IFOV of the C.A 1884 is 2.2 mRad, meaning that, at a distance of 1 m, the detector observes an area of 2.2 mm.
•
smo (Smallest Measurable Object): to ensure correct measurement, the target observed must cover at least three detectors, i.e. SMO = 3 IFOV.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com