Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5576
Description  LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5576 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments LM5576 Datasheet HTML 22Page - Texas Instruments LM5576 Datasheet HTML 23Page - Texas Instruments LM5576 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LM5576, LM5576-Q1
SNVS447I – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
PCB LAYOUT AND THERMAL CONSIDERATIONS
The circuit in Figure 9 serves as both a block diagram of the LM5576 and a typical application board schematic
for the LM5576. In a buck regulator there are two loops where currents are switched very fast. The first loop
starts from the input capacitors, to the regulator VIN pin, to the regulator SW pin, to the inductor then out to the
load. The second loop starts from the output capacitor ground, to the regulator PGND pins, to the regulator IS
pins, to the diode anode, to the inductor and then out to the load. Minimizing the loop area of these two loops
reduces the stray inductance and minimizes noise and possible erratic operation. A ground plane in the PC
board is recommended as a means to connect the input filter capacitors to the output filter capacitors and the
PGND pins of the regulator. Connect all of the low power ground connections (CSS, RT, CRAMP) directly to the
regulator AGND pin. Connect the AGND and PGND pins together through the topside copper area covering the
entire underside of the device. Place several vias in this underside copper area to the ground plane.
The two highest power dissipating components are the re-circulating diode and the LM5576 regulator IC. The
easiest method to determine the power dissipated within the LM5576 is to measure the total conversion losses
(Pin – Pout) then subtract the power losses in the Schottky diode, output inductor and snubber resistor. An
approximation for the Schottky diode loss is P = (1-D) x Iout x Vfwd. An approximation for the output inductor
power is P = IOUT
2 x R x 1.1, where R is the DC resistance of the inductor and the 1.1 factor is an approximation
for the AC losses. If a snubber is used, an approximation for the damping resistor power dissipation is P = Vin2 x
Fsw x Csnub, where Fsw is the switching frequency and Csnub is the snubber capacitor. The regulator has an
exposed thermal pad to aid power dissipation. Adding several vias under the device to the ground plane will
greatly reduce the regulator junction temperature. Selecting a diode with an exposed pad will aid the power
dissipation of the diode.
The most significant variables that affect the power dissipated by the LM5576 are the output current, input
voltage and operating frequency. The power dissipated while operating near the maximum output current and
maximum input volatge can be appreciable. The operating frequency of the LM5576 evaluation board has been
designed for 300kHz. When operating at 3A output current with a 70V input the power dissipation of the LM5576
regulator is approximately 2.5W.
The junction-to-ambient thermal resistance of the LM5576 will vary with the application. The most significant
variables are the area of copper in the PC board, the number of vias under the IC exposed pad and the amount
of forced air cooling provided. Referring to the evaluation board artwork, the area under the LM5576 (component
side) is covered with copper and there are 5 connection vias to the solder side ground plane. Additional vias
under the IC will have diminishing value as more vias are added. The integrity of the solder connection from the
IC exposed pad to the PC board is critical. Excessive voids will greatly diminish the thermal dissipation capacity.
The junction-to-ambient thermal resistance of the LM5576 mounted in the evaluation board varies from 45°C/W
with no airflow to 25°C/W with 900 LFM (Linear Feet per Minute). With a 25°C ambient temperature and no
airflow, the predicted junction temperature for the LM5576 will be 25 + (45 x 2.5) = 137.5°C. If the evaluation
board is operated at 3A output current and 70V input voltage for a prolonged period of time the thermal shutdown
protection within the IC will activate. The IC will turn off allowing the junction to cool, followed by restart with the
soft-start capacitor reset to zero.
One or more of the following modifications will prevent the thermal shutdown from being activated: apply forced
air cooling, reduce the maximum input voltage, lower the maximum output current, reduce the operating
frequency, add more heat sinking to the PC board. For example, applying forced air cooling of 225 LFM will
reduce the LM5576 thermal resistance to approximately 30°C/W. The junction temperature will be reduced to 25
+ (2.5 x 30) = 100°C. If the maximum input voltage for the application is 48V, then the IC power dissipation
reduces to 2W (at 3A output current). With the same forced air cooling the junction temperature reduces to 25 +
(2 x 30) = 85°C.
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5576 LM5576-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com