Electronic Components Datasheet Search
  English  ▼

X  

LM7322MME Datasheet(PDF) 6 Page - Texas Instruments

Part # LM7322MME
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MME Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM7322MME Datasheet HTML 2Page - Texas Instruments LM7322MME Datasheet HTML 3Page - Texas Instruments LM7322MME Datasheet HTML 4Page - Texas Instruments LM7322MME Datasheet HTML 5Page - Texas Instruments LM7322MME Datasheet HTML 6Page - Texas Instruments LM7322MME Datasheet HTML 7Page - Texas Instruments LM7322MME Datasheet HTML 8Page - Texas Instruments LM7322MME Datasheet HTML 9Page - Texas Instruments LM7322MME Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
±15V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limited ensured for TA = 25°C, V
+ = 15V, V− = −15V, V
CM = 0V, VOUT = 0V, and RL > 1MΩ to
15V. Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
80
100
−15V ≤ VCM ≤ 12V
75
CMRR
Common Mode Rejection Ratio
dB
72
80
−15V ≤ VCM ≤ 15V
70
78
100
PSRR
Power Supply Rejection Ratio
2.7V
≤ VS ≤ 30V, VCM = −14.5V
dB
74
−15.3
−15.1
−15
CMVR
Common Mode Voltage Range
CMRR > 50 dB
V
15.1
15.3
15
−13V ≤ VO ≤ 13V
75
85
RL = 10 kΩ to 0V
70
AVOL
Open Loop Voltage Gain
dB
−13V ≤ VO ≤ 13V
70
78
RL = 2 kΩ to 0V
65
RL = 10 kΩ to 0V
150
300
VID = 100 mV
350
Output Voltage Swing
High
RL = 2 kΩ to 0V
250
550
VID = 100 mV
650
mV from
VOUT
either rail
RL = 10 kΩ to 0V
60
200
VID = −100 mV
250
Output Voltage Swing
Low
RL = 2 kΩ to 0V
130
300
VID = −100 mV
400
Sourcing
40
65
VID = 200 mV, VOUT = −15V
(6)
IOUT
Output Current
mA
Sinking
60
100
VID = −200 mV, VOUT = 15V
(6)
1.1
1.7
LM7321
2.4
IS
Supply Current
VCM = −14.5V
mA
2.5
4
LM7322
5.6
SR
Slew Rate (7)
AV = +1, VI = 20V Step
18
V/µs
fu
Unity Gain Frequency
RL = 2 kΩ, CL = 20 pF
11.3
MHz
GBW
Gain Bandwidth
f = 50 kHz
20
MHz
en
Input Referred Voltage Noise Density
f = 2 kHz
15
nV/
in
Input Referred Current Noise Density
f = 2 kHz
1.3
pA/
f = 1 kHz, RL 100 kΩ,
THD+N
Total Harmonic Distortion +Noise
−86
dB
AV = +2, VOUT = 23 VPP
CT Rej.
Crosstalk Rejection
f = 100 kHz, Driver RL = 10 kΩ
60
dB
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5 ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com