Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98714 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 5Page - Texas Instruments LM98714 Datasheet HTML 6Page - Texas Instruments LM98714 Datasheet HTML 7Page - Texas Instruments LM98714 Datasheet HTML 8Page - Texas Instruments LM98714 Datasheet HTML 9Page - Texas Instruments LM98714 Datasheet HTML 10Page - Texas Instruments LM98714 Datasheet HTML 11Page - Texas Instruments LM98714 Datasheet HTML 12Page - Texas Instruments LM98714 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LM98714
www.ti.com
SNAS254 – OCTOBER 2006
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VR = VC = 3.3V, CL = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
(1)
Symbol
Parameter
Conditions
Min
Typ (2)
Max
Units
IOS
Output Short Circuit Current
VOUT = 0V, RL = 100Ω
7.9
mA
Power Supply Specifications
IA
VA Analog Supply Current
VA Normal State
60
97
125
mA
VA Low Power State
12
23
32
mA
(Powerdown)
IR
VR Digital Supply Current
VR Normal State
30
64
75
mA
(LVDS Outputs)
CMOS Output Data Format
15
47
55
mA
LVDS Output Data Format with
47
mA
Data Outputs Disabled
ID
VD Digital Output Driver Supply
LVDS Output Data Format
0.05
mA
Current
CMOS Output Data Format
12
40
mA
(ATE Loading of CMOS
Outputs > 50pF)
IC
VC CCD Timing Generator Output
Typical sensor outputs:
0.5
12
mA
Driver Supply Current
SH, CLK1=
Φ1A, CLK2=Φ2A,
CLK3=
ΦB, CLK4=ΦC,
CLK5=RS, CLK6=CP
(ATE Loading of CMOS
Outputs > 50pF)
PWR
Average Power Dissipation
LVDS Output Data Format
350
505
650
mW
CMOS Output Data Format
380
610
700
mW
(ATE Loading of CMOS
Outputs > 50pF)
Input Sampling Circuit Specifications
VIN
Input Voltage Level
CDS Gain=1x, PGA Gain=1x
2.3
Vp-p
CDS Gain=2x, PGA Gain= 1x
1.22
IIN_SH
Sample and Hold Mode
Source Followers Off
50
70
μA
Input Leakage Current
CDS Gain = 1x
(-70)
(-40)
OSX = VA (OSX = AGND)
Source Followers Off
75
105
μA
CDS Gain = 2x
(-105)
(-75)
OSX = VA (OSX = AGND)
Source Followers On
-200
-10
200
nA
CDS Gain = 2x
-16
OSX = VA (OSX = AGND)
CSH
Sample/Hold Mode
CDS Gain = 1x
2.5
pF
Equivalent Input Capacitance
CDS Gain = 2x
4
pF
IIN_CDS
CDS Mode
Source Followers Off
-300
7
300
nA
Input Leakage Current
OSX = VA (OSX = AGND)
(-25)
RCLPIN
CLPIN Switch Resistance
16
50
Ω
VCLP Reference Circuit Specifications
VCLP DAC Resolution
4
Bits
VCLP DAC Step Size
0.16
V
VVCLP
VCLP DAC Voltage Min Output
VCLP Config. Register =
0.14
0.26
0.43
V
0001 0000b
VCLP DAC Voltage Max Output
VCLP Config. Register =
2.38
2.68
2.93
V
0001 1111b
Resistor Ladder Enabled
VCLP Config. Register =
1.54
VA / 2
1.73
V
0010 xxxxb
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com