Electronic Components Datasheet Search
  English  ▼

X  

LMV712TL Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV712TL
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712TL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV712TL Datasheet HTML 9Page - Texas Instruments LMV712TL Datasheet HTML 10Page - Texas Instruments LMV712TL Datasheet HTML 11Page - Texas Instruments LMV712TL Datasheet HTML 12Page - Texas Instruments LMV712TL Datasheet HTML 13Page - Texas Instruments LMV712TL Datasheet HTML 14Page - Texas Instruments LMV712TL Datasheet HTML 15Page - Texas Instruments LMV712TL Datasheet HTML 16Page - Texas Instruments LMV712TL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LMV712-N
www.ti.com
SNOS534G – MAY 2004 – REVISED MARCH 2010
The circuit in Figure 35 is an improvement to the one in Figure 34 because it provides DC accuracy as well as
AC stability. In this circuit, RF provides the DC accuracy by using feed-forward techniques to connect VIN to RL.
CF and RISO serve to counteract the loss of phase margin by feeding the high frequency component of the output
signal back to the amplifier's inverting input, thereby preserving phase margin in the overall feedback loop.
Increased capacitive drive is possible by increasing the value of CF. This in turn will slow down the pulse
response.
Figure 35.
LATCHUP
CMOS devices tend to be susceptible to latchup due to their internal parasitic SCR (silicon controlled rectifier)
effects. The input and output pins look similar to the gate of the SCR. There is a minimum current required to
trigger the SCR gate lead. The LMV712-N is designed to withstand 150mA surge current on all the pins. Some
resistive method should be used to isolate any capacitance from supplying excess current to the pins. In addition,
like an SCR, there is a minimum holding current for any latchup mode. Limiting current to the supply pins will
also inhibit latchup susceptibility.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com