Electronic Components Datasheet Search
  English  ▼

X  

ASI10515 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10515
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10515 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10515 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 50 mA
70
V
BVCES
IC = 50 mA
70
V
BVEBO
IE = 30 mA
3.0
V
ICES
VCE = 40 V
30
mA
hFE
VCE = 5.0 V
IC = 500 mA
10
---
---
PG
ηη
C
VCC = 40 V
POUT = 200 W
f = 1.2 to 1.4
GHz
7.0
45
dB
%
NPN SILICON RF POWER TRANSISTOR
ALR200
DESCRIPTION:
The
ASI ALR200 is Designed for
FEATURES:
• Input Matching Network
•
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
16 A
VCC
40 V
PDISS
575 W @ TC = 25
OC
TJ
-65
OC to +250 OC
TSTG
-65
OC to +200 OC
θθ
JC
0.26
OC/W
PACKAGE STYLE .400 2L FLG (A)
ORDER CODE: ASI10515
MINIMUM
inches / mm
.100 / 2.54
.376 / 9.55
.050 / 1.27
.110 / 2.79
B
C
D
E
F
G
A
MAXIMUM
.120 / 3.05
.130 / 3.30
.396 / 10.06
inches / mm
.193 / 4.90
H
DIM
K
L
I
J
.490 / 12.45
.690 / 17.53
.003 / 0.08
.510 / 12.95
.710 / 18.03
.006 / 0.18
N
M
.118 / 3.00
.131 / 3.33
.135 / 3.43
.145 / 3.68
.072 / 1.83
.052 / 1.32
P
.230 / 5.84
G
C
N
2xR
4x .062 x 45°
I
E
P
M
F
L
H
J
K
2xB
D
.040 x 45°
A
.100 / 2.54
.395 / 10.03
.407 / 10.34
.890 / 22.61
.910 / 23.11


Similar Part No. - ASI10515

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10510 ASI-ASI10510 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10511 ASI-ASI10511 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10512 ASI-ASI10512 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10513 ASI-ASI10513 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
ASI10514 ASI-ASI10514 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - ASI10515

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com