Electronic Components Datasheet Search
  English  ▼

X  

80C32 Datasheet(PDF) 23 Page - Intel Corporation

Part # 80C32
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C32 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80C32 Datasheet HTML 15Page - Intel Corporation 80C32 Datasheet HTML 16Page - Intel Corporation 80C32 Datasheet HTML 17Page - Intel Corporation 80C32 Datasheet HTML 18Page - Intel Corporation 80C32 Datasheet HTML 19Page - Intel Corporation 80C32 Datasheet HTML 20Page - Intel Corporation 80C32 Datasheet HTML 21Page - Intel Corporation 80C32 Datasheet HTML 22Page - Intel Corporation 80C32 Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
8XC52/54/58
EPROM PROGRAMMING AND VERIFICATION WAVEFORMS
272336–23
*5 pulses for the EPROM array. 25 pulses for the encryption table and lock bits.
Thermal Impedance
All thermal impedance data is approximate for static
air conditions at 1W of power dissipation. Values will
change depending on operating conditions and ap-
plications. See the Intel Packaging Handbook (Order
Number 240800) for a description of Intel’s thermal
impedance test methodology.
DATA SHEET REVISION HISTORY
Data sheets are changed as new device information
becomes available. Verify with your local Intel sales
office that you have the latest version before finaliz-
ing a design or ordering devices.
The following differences exist between datasheet
(272336-003) and the previous version
(272336-002).
1. Removed 8XC5X-3 and 8XC5X-20 from the data
sheet.
2. Included 8XC5X-24 and 8XC5X-33 devices.
3. Removed the statement ‘‘The 80C32 standard, -1
and -2, and 80C52 standard, -1 and -2, do not
have the . . . ’’ from the section DESIGN CONSID-
ERATION.
The following differences exist between this data-
sheet (272336-002) and the previous version
(272336-001).
1. Removed 8XC5X-L from the data sheet.
2. Included features not available in 80C32-Stan-
dard, -1 and -2, and 80C52-Standard, -1 and -2
devices.
This 8XC5X datasheet (272336-001) replaces the
following datasheets:
87C52/80C52/80C32
270757-003
87C52/80C52/80C32 EXPRESS
270868-002
87C52-20/80C52-20/80C32-20
272272-001
87C54/80C54
270816-004
87C54/80C54 EXPRESS
270901-001
87C54-20/-3 80C54-20/-3
270941-003
87C54/80C58
270900-003
87C58/80C58 EXPRESS
270902-001
87C58-20/-3 80C58-20/-3
272029-002
23
The following differences exist between this data-
sheet (272336-005) and the previous version
(272336-004/-003).
1. Removed references to package prefixes. When
possible, prefix variables replaced with
x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com