Electronic Components Datasheet Search
  English  ▼

X  

PTR90 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTR90
Description  9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTR90 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTR90 Datasheet HTML 1Page - Bourns Electronic Solutions PTR90 Datasheet HTML 2Page - Bourns Electronic Solutions PTR90 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PTR90 Series - 9 mm Multi-Ganged Potentiometer w/Rotary Switch
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PTR904
M7XP0.75
SW
R2 R1
R4 R3
23.3
± 0.5
(.917
± .020)
0.8
± 0.2
(.014
± .007)
5.0
(.197)
6.25
(.246)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
14 PLCS.
5.0
(.197)
6.25
(.246)
2.5
(.098)
2.5
(.098)
SW
R2 R1
R4 R3
3
2
1
3
2
1
3
2
1
3
2
1
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
SCHEMATIC
33
2
2
11
R3
R4
SW
33
2
2
11
R1
R2
PTR906
M7XP0.75
SW
R2 R1
R4 R3
R6 R5
30.8
± 0.5
(1.213
± .020)
0.8
± 0.2
(.014
± .007)
5.0
(.197)
6.25
(.246)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
20 PLCS.
5.0
(.197)
6.25
(.246)
2.5
(.098)
2.5
(.098)
SW
R2 R1
R4 R3
R6 R5
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
SCHEMATIC
33
2
2
11
R3
R4
SW
33
2
2
11
R5
R6
33
2
2
11
R1
R2
PTR908
M7XP0.75
SW
R2 R1
R4 R3
R6 R5
R8 R7
38.3
± 0.5
(1.508
± .020)
0.8
± 0.2
(.014
± .007)
5.0
(.197)
6.25
(.246)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
26 PLCS.
5.0
(.197)
6.25
(.246)
2.5
(.098)
2.5
(.098)
SW
R2 R1
R4 R3
R6 R5
R8 R7
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
2.5
(.098)
5.0
(.197)
SCHEMATIC
33
2
2
11
R3
R4
SW
33
2
2
11
R5
R6
33
2
2
11
R7
R8
33
2
2
11
R1
R2
Applications
■ Audio/TV sets
■ Automotive sound systems
■ Amplifiers/mixers/drum machines/synthesizers/DJ equipment
■ Multimedia sound systems
■ Portable electronics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com