Electronic Components Datasheet Search
  English  ▼

X  

LM3481MM Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3481MM
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3481MM Datasheet(HTML) 5 Page - Texas Instruments

  LM3481MM Datasheet HTML 1Page - Texas Instruments LM3481MM Datasheet HTML 2Page - Texas Instruments LM3481MM Datasheet HTML 3Page - Texas Instruments LM3481MM Datasheet HTML 4Page - Texas Instruments LM3481MM Datasheet HTML 5Page - Texas Instruments LM3481MM Datasheet HTML 6Page - Texas Instruments LM3481MM Datasheet HTML 7Page - Texas Instruments LM3481MM Datasheet HTML 8Page - Texas Instruments LM3481MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM3481
www.ti.com
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VIN = 12V, TJ = 25°C.
Comp Pin Voltage vs. Load Current
Switching Frequency vs. RFA
Figure 3.
Figure 4.
Efficiency vs. Load Current (3.3VIN and 12VOUT)
Efficiency vs. Load Current (5VIN and 12VOUT)
Figure 5.
Figure 6.
Efficiency vs. Load Current (9VIN and 12VOUT)
Frequency vs. Temperature
Figure 7.
Figure 8.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com