Electronic Components Datasheet Search
  English  ▼

X  

LM5010SD Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5010SD
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010SD Datasheet(HTML) 2 Page - Texas Instruments

  LM5010SD Datasheet HTML 1Page - Texas Instruments LM5010SD Datasheet HTML 2Page - Texas Instruments LM5010SD Datasheet HTML 3Page - Texas Instruments LM5010SD Datasheet HTML 4Page - Texas Instruments LM5010SD Datasheet HTML 5Page - Texas Instruments LM5010SD Datasheet HTML 6Page - Texas Instruments LM5010SD Datasheet HTML 7Page - Texas Instruments LM5010SD Datasheet HTML 8Page - Texas Instruments LM5010SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Top View
14 Lead TSSOP
SW
BST
VCC
VIN
NC
NC
NC
NC
RTN
FB
SS
11
10
9
5
4
3
2
1
6
7
8
12
13
14
R
ON /SD
I
SEN
S GND
SW
BST
RTN
VCC
FB
SS
VIN
Top View
10 Lead LLP
10
9
8
7
6
5
4
3
2
1
/SD
R ON
S GND
ISEN
LM5010
SNVS307E – SEPTEMBER 2004 – REVISED FEBRUARY 2005
www.ti.com
Connection Diagram
Pin Functions
Table 1. Pin Description
PIN NUMBER
NAME
DESCRIPTION
APPLICATION INFORMATION
LLP-10
TSSOP-
14
1
2
SW
Switching Node
Internally connected to the buck switch source. Connect to the
inductor, free-wheeling diode, and bootstrap capacitor.
2
3
BST
Boost pin for bootstrap
Connect a 0.022 µF capacitor from SW to this pin. The capacitor
capacitor
is charged from VCC via an internal diode during each off-time.
3
4
ISEN
Current sense
The re-circulating current flows through the internal sense
resistor, and out of this pin to the free-wheeling diode. Current
limit is nominally set at 1.25A.
4
5
SGND
Sense Ground
Re-circulating current flows into this pin to the current sense
resistor.
5
6
RTN
Circuit Ground
Ground for all internal circuitry other than the current limit
detection.
6
9
FB
Feedback input from the
Internally connected to the regulation and over-voltage
regulated output
comparators. The regulation level is 2.5V.
7
10
SS
Softstart
An internal 11.5 µA current source charges an external capacitor
to 2.5V, providing the soft start function.
8
11
RON/SD
On-time control and shutdown
An external resistor from VIN to this pin sets the buck switch on-
time. Grounding this pin shuts down the regulator.
9
12
VCC
Output from the startup
Nominally regulates at 7.0V. An external voltage (7.5V-14V) can
regulator
be applied to this pin to reduce internal dissipation. An internal
diode connects VCC to VIN.
10
13
VIN
Input supply voltage
Nominal input range is 8.0V to 75V.
1, 7, 8,
NC
No connection
No internal connection.
14
2
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM5010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com