Electronic Components Datasheet Search
  English  ▼

X  

5259MTH1R Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 5259MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5259MTH1R Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 5259MTH1R Datasheet HTML 14Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 15Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 16Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 17Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 18Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 19Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 20Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 21Page - List of Unclassifed Manufacturers 5259MTH1R Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
A-40
APEM
www.apem.com
5000 series
Toggle switches - plain bushing
Right angle terminals - vertical : 5200WW
A
Three pole
Double pole
Single pole
• Pin spacing 3,81 mm (.150)
• 1, 2, 3 and 4 pole configurations
III
II
I
2-3
1-2
5236WW
ON
-
ON
5239WW
ON
OFF
ON
5237WW
MOM OFF MOM
5238WW**
ON
OFF MOM
5232WW**
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5246WW
ON
-
ON
5249WW
ON
OFF
ON
5247WW
MOM OFF MOM
5248WW**
ON
OFF MOM
5242WW**
ON
- MOM
5244WW*
ON
ON
ON
5244WW 1R*
ON
ON MOM
5244WW 2R*
MOM ON MOM
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
5256WW
ON
-
ON
5259WW
ON
OFF
ON
5257WW
MOM OFF MOM
5258WW**
ON
OFF MOM
5252WW**
ON
- MOM
MODEL
STRUCTURE
Shown with standard lever (-13)
* and ** : see notes next page.
(.500)
(.150)
(.531)
(.236) (.433)
24˚
(.222)
(.275)
(.200)
(.039)
(.200)
(.062 DIA)
(.301)
I
II
III
13.50
6.00
11.00
7.00
0.80
3.81
12.70
5.65
5.08
1.00
Ø1.60
5.08
3
2
1
5.65
12.70
3.81
(.222)
(.150)
(.500)
11.00
6.00
13.50
(.433)
(.236)
(.531)
24˚
0.80
(.301)
(.472)
5.08
(.200)
Ø1.60
(.062 DIA)
12.00
I
II
III
6
5
4
3
2
1
5.08
(.039)
(.200)
1.00
(.187)
4.75
(.515)
13.10
(.500)
(.150)
3.81
12.70
(.283)
(.649)
III
II
I
24˚
7.20
16.50
1.00
(.039)
(.200)
5.08
9
8
7
3
2
1
(.200)
5.08
(.062 DIA)
Ø1.60
4.75
(.187)
(.492)
6.00
(.236)
12.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com