Electronic Components Datasheet Search
  English  ▼

X  

CMN665 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMN665
Description  2500 ??2530 MHz, Low Band Notch Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMN665 Datasheet(HTML) 1 Page - API Technologies Corp

  CMN665 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
_____________________________________________________________________________
 
CMN665 
2500 – 2530 MHz, Low Band Notch Filter 
                             Revision 1, October 4, 2007 
 
 
Passband:  
 
2500 – 2530 MHz 
Insertion Loss:  
0.75 dB max.   
Return Loss:  
 
18.0 dB min.  
Rejection:  
 
2536 – 2596 MHz  
70 dB min. 
 
Operation Temp:  
‐20° to +45°C 
Storage Temp:  
‐20° to +45°C 
Connectors:  
 
Type “N” Female 
Mounting:  
 
Bracket for Pole Mounting
   
Finish:   
 
Weather Sealed, Painted White  
 
 
 
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B • Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMN665

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMN663 APITECH-CMN663 Datasheet
77Kb / 1P
807.55 MHz Band Reject Filter
CMN666 APITECH-CMN666 Datasheet
94Kb / 1P
2536 ??2596 MHz, High Band Notch Filter
More results

Similar Description - CMN665

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857031 TRIQUINT-857031 Datasheet
644Kb / 7P
826 MHz Notch Filter
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
API Technologies Corp
CMN666 APITECH-CMN666 Datasheet
94Kb / 1P
2536 ??2596 MHz, High Band Notch Filter
CMN635 APITECH-CMN635 Datasheet
122Kb / 1P
2500 ??2551.5 MHz Notch/Bandpass Filter
logo
TriQuint Semiconductor
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
826 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
5 MHz Notch Filter
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
1435 MHz Notch Filter
3168-1795 KR-3168-1795 Datasheet
84Kb / 3P
1795 MHz Notch Filter
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com