Electronic Components Datasheet Search
  English  ▼

X  

CMN641 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMN641
Description  2560 ??2596 MHz Notch/Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMN641 Datasheet(HTML) 1 Page - API Technologies Corp

  CMN641 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
_____________________________________________________________________________
 
CMN641 
2560 – 2596 MHz Notch/Bandpass Filter 
                             Revision 1, August 1, 2007 
 
 
Passband:  
 
2560 – 2596 MHz 
Insertion Loss:  
1.0 dB max.   
Return Loss:  
 
18.0 dB min.  
Rejection:  
 
2500 – 2551.5 MHz  
85 dB min. 
 
 
Operation Temp:  
‐10° to +85°C 
Storage Temp:  
‐40° to +85°C 
Connectors:  
 
Type “N” Female 
   
Outdoor Filter:  
 
Pole Mount 
 
 
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B • Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
 


Similar Part No. - CMN641

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMN642 APITECH-CMN642 Datasheet
86Kb / 1P
887 MHz Band Reject Filter
More results

Similar Description - CMN641

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2238E RFM-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
API Technologies Corp
CMN666 APITECH-CMN666 Datasheet
94Kb / 1P
2536 ??2596 MHz, High Band Notch Filter
CMN635 APITECH-CMN635 Datasheet
122Kb / 1P
2500 ??2551.5 MHz Notch/Bandpass Filter
logo
Murata Manufacturing Co...
SF2238E MURATA-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
TriQuint Semiconductor
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
826 MHz Notch Filter
880157 TRIQUINT-880157_15 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
KR Electronics, Inc.
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1234A TAI-SAW-TA1234A Datasheet
360Kb / 8P
SAW Filter 2560 MHz
logo
Qorvo, Inc
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com