Electronic Components Datasheet Search
  English  ▼

X  

CMN583 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMN583
Description  866 ??869 MHz Notch Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMN583 Datasheet(HTML) 1 Page - API Technologies Corp

  CMN583 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com
______________________________________________________________________________________________________
CMN583
866 – 869 MHz Notch Filter
Revision 1, September 20, 2006
Passbands:
806 – 865 MHz
896 – 941 MHz
Insertion Loss:
1.0 dB maximum
Rejection:
60 dB minimum; 866-869 MHz
Return Loss:
14 dB minimum
Connectors:
Type N Female, Low IMD, Silver Plated
Power Handling:
250 Watts CW, 2500 Watts PIP
Altitude:
10,000 Feet
Mounting:
Can be used individually or rack mounted
with up to three units on a tray.
Operating Temperature:
0° to +60° Celsius
Storage Temperature
-40° to +85° Celsius


Similar Part No. - CMN583

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMN584 APITECH-CMN584 Datasheet
93Kb / 1P
821 ??824 MHz Band Reject Filter
CMN585 APITECH-CMN585 Datasheet
83Kb / 1P
935.15 ??937.9375 MHz Band Reject Filter
More results

Similar Description - CMN583

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0801A TAI-SAW-TA0801A Datasheet
435Kb / 7P
SAW Filter 866 MHz
TA0977A TAI-SAW-TA0977A Datasheet
396Kb / 6P
SAW Filter 869 MHz
TA1018A TAI-SAW-TA1018A Datasheet
366Kb / 6P
SAW Filter 869 MHz
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1362A TAI-SAW-TA1362A Datasheet
451Kb / 6P
SAW Filter 866 MHz
TA1480A TAI-SAW-TA1480A Datasheet
267Kb / 6P
SAW Filter 866 MHz
logo
KR Electronics, Inc.
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
3306-869-430 KR-3306-869-430 Datasheet
73Kb / 3P
869 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2090A TAI-SAW-TA2090A Datasheet
404Kb / 6P
SAW Filter 869 MHz
TA2381A TAI-SAW-TA2381A Datasheet
506Kb / 7P
SAW Filter 869 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com