Electronic Components Datasheet Search
  English  ▼

X  

CMN549 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMN549
Description  Sprint ??Nextel 870 ??875MHz Notch Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMN549 Datasheet(HTML) 1 Page - API Technologies Corp

  CMN549 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
______________________________________________________________________________________________________
________________________________________________________________________________
CMN549 
Sprint ‐ Nextel 870 – 875MHz Notch Filter 
Revision 2, October 18, 2006 
 
   
Passband: 
   
806 – 824 MHz 
        
851 – 869 MHz 
        
896 – 901 MHz 
        
935 – 940 MHz 
  
 
Insertion Loss:  
 
2.0 dB maximum 
  
 
Rejection: 
   
40 dB minimum; 870 – 875 MHz 
  
 
Return Loss:    
18 dB minimum 
  
 
Connectors:     
Type N Female, Low IMD, Silver Plated 
  
 
Power Handling:  
 
250 Watts CW, 4000 Watts PIP 
  
 
Altitude: 
   
10,000 Feet 
  
 
Mounting:     
Unit is supplied with wall mounting  
        
brackets 
  
 
Operating Temperature:  
‐20 to +70° Celsius 
  
 
Storage Temperature  
‐40° to +85° Celsius 
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMN549

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMN546 APITECH-CMN546 Datasheet
77Kb / 1P
774/836 MHz Dual Band Reject Filter
More results

Similar Description - CMN549

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
Notch Filter
2496 KR-2496 Datasheet
20Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-5 KR-2520-5 Datasheet
44Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com