Electronic Components Datasheet Search
  English  ▼

X  

AF15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AF15
Description  CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AF15 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Blue colored positive resin, without marbles
• Micro definition, resin thickness 2.5µ.
• Adhesive anti UV-protection
• 5 years shelf life garanty.
• Individual packaging in plastic
bag up to size 200 x 300 mm.
Specifications are subject to change without prior notice.
www.cif.fr
PRE-SENSITISED PHOTOPOSITIVE BOARDS
Size in
Epoxy
Epoxy
mm
1 side
2 sides
Reference
100 x 160
AAB 16
ABB 16
200 x 300
AAB 20
ABB 20
300 x 600
AAB 60
ABB 60
600 x 900
AAB 90
AAB 90
Positive Epoxy FR4
16/10th - 35 µ
8/10th - 35 µ
Size in
Epoxy
Epoxy
mm
1 side
2 sides
Reference
100 x 160
AAC 16
ABC 16
200 x 300
AAC 20
ABC 20
300 x 600
AAC 60
ABC 60
600 x 900
AAC 90
ABC 90
Positive Epoxy FR4
4/10th - 35 µ
Size in
Epoxy
Epoxy
mm
1 side
2 sides
Reference
100 x 160
AA 716
AB 716
200 x 300
AA 720
AB 720
300 x 600
AA 760
AB 760
600 x 900
AA 790
AB 790
Size in
2 sides
mm
Reference
100 x 160
ABT 16
200 x 300
ABT 23
406 x 915
ABT 47
PTFE (Duroïd)
High frequency sensitised, double sided.
Di-electric constant 2,4 - 2,6 (± 0,04).
16/10th - 35 µ
Size in
2 sides
mm
Reference
200 x 300
ABT 18
300 x 600
ABT 186
PTFE (Duroïd)
High frequency sensitised, double sided.
Di-electric constant 2,4 - 2,6 (± 0,04).
8/10th - 35 µ
Positive Epoxy FR4
16/10th - 70 µ
Size in mm
Bakelite
Epoxy
Epoxy
15/10th 1 side
1 side
2 sides
Reference
75 x 100
AC 7
AA 7
AB 7
100 x 150
AC 10
AA 10
AB 10
100 x 160
AC 16
AA 16
AB 16
150 x 200
AC 15
AA 15
AB 15
200 x 300
AC 20
AA 20
AB 20
300 x 600
AC 60
AA 60
AB 60
600 x 900
AC 90
AA 90
AB 90
Positive Epoxy FR4
Positive Bakelite
15/10th - 35 µ
Size in
Bakelite
Epoxy
Epoxy
mm
15/10th 1 side
1 side
2 sides
Reference
75 x 100
AF 7
AD 7
AE 7
100 x 150
AF 10
AD 10
AE 10
100 x 160
AF 16
AD 16
AE 16
150 x 200
AF 15
AD 15
AE 15
200 x 300
AF 20
AD 20
AE 20
300 x 300
AF 30
AD 30
AE 30
300 x 600
AF 60
AD 60
AE 60
600 x 900
AF 90
AD 90
AE 90
Epoxy FR4
Bakelite
High quality laminate with 8 layers
of fibre glass. Standard MIL 13949
for the FR4 UL94 Vo. Individual
packaging in plastic bag upto size
200x300
Size in
Epoxy
Epoxy
mm
1 side
2 sides
Reference
100 x 160
ADB 16
AEB 16
200 x 300
ADB 20
AEB 20
300 x 600
ADB 60
AEB 60
600 x 900
ADB 90
AEB 90
Epoxy FR4
Special cut out price per m2 upon
request For FR 4 in 4/10th and 2/10th
please consult CIF
16/10th - 35 µ
15/10th - 35 µ
8/10th - 35 µ
UNCOATED PCB LAMINATES
Size in
1 side
2 sides
mm
Reference
100 x 600
AN 10
AN 210
200 x 600
AN 20
AN 220
600 x 900
AN 60
AN 260
Flexible Circuits
Bare
Insulation 50 µ - copper cladding 35 µ.
Size in
1 side
mm
Reference
100 x 600
AQ 10
200 x 600
AQ 20
Presensitised photopositive
Insulation 50 µ - copper cladding 35 µ.
Size in
Reference
100 x 150
AAT 10
200 x 300
AAT 20
300 x 600
AAT 30
620 x 920
AAT 61
• Heat dissipation >1 °C / Watt / mm2
• Adhesion to copper > 22N/cm
• Working Temperature 130 °C continuous
• Electrical strength (for 100µ) 51 KV/mm
• Di-electric constant = 3 at 1MHz • Dissipation power 0,35 Watt /dm2 / °C
ALUMINIUM PHOTOPOSITIVE CIRCUITS
Thermic dissipation > 1°C / Watt / mm2
Special cut out price per m2 upon request
For FR 4 in 2/10th - 35µ please consult CIF
Special cut out price per m2 upon request
For FR 4 in 4/10th and 2/10th please consult CIF
CIRCUIT IMPRIMÉ
PRINTED CIRCUIT BOARD


Similar Part No. - AF15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
AF151-1CJ NSC-AF151-1CJ Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
AF151-2CJ NSC-AF151-2CJ Datasheet
268Kb / 9P
DUAL UNIVERSAL ACTIVE FILTER
logo
Knowles Electronics
AF15HV KNOWLES-AF15HV Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Diodes Incorporated
AF15N50 DIODES-AF15N50 Datasheet
252Kb / 9P
50V N-Channel MOSFET
Rev erse
More results

Similar Description - AF15

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744901010 WURTH-744901010 Datasheet
965Kb / 5P
WE-TCI Thinfilm Chip Inductor
744900012 WURTH-744900012 Datasheet
908Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901047 WURTH-744901047 Datasheet
968Kb / 5P
WE-TCI Thinfilm Chip Inductor
744902012 WURTH-744902012 Datasheet
139Kb / 2P
Thinfilm-Chip-Inductor WE-TCI
744902039 WURTH-744902039 Datasheet
112Kb / 2P
Thinfilm-Chip-Inductor WE-TCI
744902115 WURTH-744902115 Datasheet
139Kb / 2P
Thinfilm-Chip-Inductor WE-TCI
744901110 WURTH-744901110 Datasheet
922Kb / 5P
WE-TCI Thinfilm Chip Inductor
744900039 WURTH-744900039 Datasheet
909Kb / 5P
WE-TCI Thinfilm Chip Inductor
744901062 WURTH-744901062 Datasheet
463Kb / 6P
WE-TCI Thinfilm Chip Inductor
001.001
744901072 WURTH-744901072 Datasheet
452Kb / 6P
WE-TCI Thinfilm Chip Inductor
001.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com