Electronic Components Datasheet Search
  English  ▼

X  

BC847W Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BC847W
Description  45 V, 100 mA NPN general-purpose transistors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC847W Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BC847W Datasheet HTML 10Page - NXP Semiconductors BC847W Datasheet HTML 11Page - NXP Semiconductors BC847W Datasheet HTML 12Page - NXP Semiconductors BC847W Datasheet HTML 13Page - NXP Semiconductors BC847W Datasheet HTML 14Page - NXP Semiconductors BC847W Datasheet HTML 15Page - NXP Semiconductors BC847W Datasheet HTML 16Page - NXP Semiconductors BC847W Datasheet HTML 17Page - NXP Semiconductors BC847W Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
BC847_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 20 August 2012
15 of 18
NXP Semiconductors
BC847 series
45 V, 100 mA NPN general-purpose transistors
11. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
BC847_SER v.8
20120820
Product data sheet
-
BC847_BC547_SER v.7
Modifications:
• Type numbers removed: BC847B/DG, BC847BW/DG, BC847AT/DG, BC857, BC857B
and BC857C
• Section 12 “Legal information”: updated
BC847_BC547_SER v.7
20081210
Product data sheet
-
BC847_BC547_SER v.6
BC847_BC547_SER v.6
20050519
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com