Electronic Components Datasheet Search
  English  ▼

X  

SCS750F Datasheet(PDF) 5 Page - Maxwell Technologies

Part # SCS750F
Description  FLIGHT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

SCS750F Datasheet(HTML) 5 Page - Maxwell Technologies

  SCS750F Datasheet HTML 1Page - Maxwell Technologies SCS750F Datasheet HTML 2Page - Maxwell Technologies SCS750F Datasheet HTML 3Page - Maxwell Technologies SCS750F Datasheet HTML 4Page - Maxwell Technologies SCS750F Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Spcecifications
SCS750
page 5 of 5
radiationtolerance
•
• tID: > 00 krad (Si) - orbit dependent
• SeL (th): > 80 meV-cm2/mg - all parts except SDram
≈ 50 meV-cm2/mg - SDram
Processors
(3)FullytMrProtectedProcessors
• powerpC 750fXtm on Silicon on Insulator (SoI), 0.3um
• 2.32 Dhrystone mIpS/mHz
• > 800 Dhrystone mIpS @ 800mHz
• 00 to 800mHz - Software Selectable Core Clock rate
ssorcache
l1cache
• 32 KByte Instruction with parity
• 32 KByte Data with parity
l2cache
• 52 KByte on-chip with eCC @ Cpu Core Clock rate
MeMory
volatile
• 256 mByte SDram - reed-Solomon protected - Double Device Correction
non-volatile
• 8 mByte eeprom - eCC protected
- 7.0 mByte eeprom available to user
- 0.5 mByte primary Surom
- 0.5 mByte Secondary Surom (autoswap on primary failure)
interFaces
cPciBus
• 6u
• 3.3V
• 32 bit, 33mHz
• master/target & Syscon/peripheral
1553
• BC/rt/mt
• Seu Immune
serial
• uart ( asynchronous ), LVDS
• (2) uSrts ( Synchronous ), LVDS
ProGraMMaBlei/o
• 32 programmable General purpose I/o (GpIo)
Power
• 7 - 25 watts ( typical ) dependent on clock rate/mIpS requirements
• 5V for 553 interface, 3.3V for rest of board
oPeratinGsysteM
• VxWorks, tornado
teMPerature
• -30°C to +65°C ( acceptable Levels )
• -0°C to +70°C ( Qualification Levels )
Maxwell Technologies, Inc
92 Balboa avenue • San Diego, Ca 9223 • uSa
pHoNe:
+ (858) 503 3300
faX:
+ (858) 503 330
emaIL:
info@maxwell.com
| Doc. # 1004741 | Rev.
|
•
Detailed Specification
•
user manual
- Interface Control Documents
- Software user’s manual (Sum)
•
VxWorks® runtime License
•
Certificate of Conformance
•
Startup rom Source Code
•
functional test procedure
- test plan
- test Log
•
functional test report
•
environmental test procedure (flight only)
- test plan
- test Log
•
environmental test report (flight only)
SCS750
mICroeLeCtroNICS
Worldwide Headquarters
for the most current information on maxwell products, visit: www.maxwell.com
Technical Specifications
Board Support Package
Mechanical
• 6u x 60mm
• .5 Kg (3.3 Lbs.) max
Models
scs750F-FliGhtconFiGuration
• rad-tolerant, Class “S” or equivalent Components
• Conduction Cooled
• 2 aCteL rtaX fpGas
scs750e-enGineerinGconFiGuration
• parts Identical to flight (Not screened to flight level)
• Conduction Cooled
• 2 aCteL rtaX fpGas
scs750d-enGineerinGdeveloPMentconFiGuration
• Commercial Components, aCteL fpGas
• full Hardware & Software Compatibility w/ e & f models
• Convection Cooled
scs750P-PrototyPeconFiGuration
• Commercial Components, Xilinx fpGas
• Similar functionality to D, e & f models
• Convection Cooled
all models are available with an optional 553 interface
all specifications are subject to change.
One Board upset Every 100 Years in LEO or GEO Orbit
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com