Electronic Components Datasheet Search
  English  ▼

X  

PDB18 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PDB18
Description  17 mm Rotary Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB18 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PDB18 Datasheet HTML 1Page - Bourns Electronic Solutions PDB18 Datasheet HTML 2Page - Bourns Electronic Solutions PDB18 Datasheet HTML 3Page - Bourns Electronic Solutions PDB18 Datasheet HTML 4Page - Bourns Electronic Solutions PDB18 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PDB18 Series - 17 mm Rotary Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PDB182-D
Dual Gang
L
6.5
(.255)
2.0
(.078)
2.0
(.078)
0.5
(.019)
3.5
(.137)
17.0
(.669)
4.5
(.177)
8.4
(.330)
1.2
(.047)
2.8
(.110)
1.0
(.039)
5.0
(.196)
5.0
(.196)
9.7
(.381)
16.5
(.649)
11.5
(.453)
11.5
(.452)
6.0
(.236)
1.0
(.039)
A
DIA.
18 TEETH
KNURL
M7 x P0.75
R2
R1
DIA.
30 °
6 PLCS.
SHAFT SHOWN IN CCW POSITION
1
2
3
Shaft Styles
K Type
L
15
(.591)
18
(.709)
20
(.787)
25
(.984)
30
(1.181)
A
6.5
(.256)
6.5
(.256)
11.5
(.453)
14
(.551)
19
(.748)
L
20
(.787)
25
(.984)
30
(1.181)
30 °
6.5
(.256)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
SLOT SHOWN IN
CCW POSITION
1.0
(.039)
2.0
(.078)
L ± 0.5
(L ± .020)
A
18 TEETH
KNURL
P Type
6.0
(.236)
DIA.
F Type
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
35
(1.378)
F
7
(.276)
12
(.472)
12
(.472)
12
(.472)
12
(.472)
4.5
(.177)
DIA.
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
6.5
(.256)
L ± 0.5
(L ± .020)
F
L
6.5
(.255)
13.5
(.531)
8.0
(.314)
8.4
(.330)
1.2
(.047)
2.8
(.110)
5.0
(.196)
5.0
(.196)
17.0
(.669)
14.0
(.551)
1.0
(.039)
6.0
(.236)
2.0
(.078)
11.5
(.452)
2.0
(.078)
A
DIA.
18 TEETH
KNURL
M7 x P0.75
R2
R1
DIA.
30
°
SHAFT SHOWN IN CCW POSITION
1
2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com