Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3080 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADNS-3080
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3080 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADNS-3080 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3080 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
Enabling the SROM
For best tracking performance,SROM is required to
be loaded into ADNS-3080. This architecture enables
immediate adoption of new features and improved per-
formance algorithms. The external program is supplied
by
PixArt Imaging as a file which may be burned
into a programmable device. A micro-controller with
sufficient memory may be used. On power-up and reset,
the ADNS-3080 program is downloaded into volatile
memory using the burst-mode procedure described in
the Synchronous Serial Port section. The program size
is 1986 x 8 bits.
Regulatory Requirements
 PassesFCCBandworldwideanalogousemissionlimits
when assembled into a mouse with shielded cable and
following
PixArt Imaging’ recommendations.
 Passes IEC-1000-4-3 radiated susceptibility level when
assembled into a mouse with shielded cable and fol-
lowing
PixArt Imaging’ recommendations.
 Passes EN61000-4-4/IEC801-4 EFT tests when assem-
bled into a mouse with shielded cable and following
PixARt Imaging ’ recommendations.
 UL flammability level UL94 V-0.
 Provides sufficient ESD creepage/clearance distance
to avoid discharge up to 15kV when assembled into a
mouse according to usage instructions above.
Figure 9. Distance from lens reference plane to surface
Sensor
Lens
Object Surface
2.40
0.094
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
High-Performance Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com