Electronic Components Datasheet Search
  English  ▼

X  

ADNS-7530 Datasheet(PDF) 26 Page - Pixart Imaging Inc.

Part # ADNS-7530
Description  Integrated molded lead-frame DIP Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7530 Datasheet(HTML) 26 Page - Pixart Imaging Inc.

Back Button ADNS-7530 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7530 Datasheet HTML 30Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Maximum_Pixel
Address: 0x09
Access: Read
Reset Value: 0xd0
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type: Eight-bit number.
USAGE: Maximum Pixel value in current frame. Minimum value = 0, maximum value = 254. The maximum pixel value
can vary with every frame.
Pixel_Sum
Address: 0x0a
Access: Read
Reset Value: 0x80
Bit
76543210
Field
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
Data Type: High 8 bits of an unsigned 18-bit integer.
USAGE: This register is used to find the average pixel value. It reports the upper eight bits of a 18-bit counter, which
sums all pixels in the current frame. It may be described as the full sum divided by 1024. To find the average pixel
value, use the following formula:
Average Pixel = Register Value * 1024/676 = Register Value * 1.515
The maximum register value is 167. The minimum is 0. The pixel sum value can change on every frame.
Minimum_Pixel
Address: 0x0b
Access: Read
Reset Value: 0x00
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type
: Eight-bit number.
USAGE : Minimum Pixel value in current frame. Minimum value = 0, maximum value = 254. The minimum pixel value
can vary with every frame.
PixArt Imaging Inc.
ADNS-7530 Integrated Molded Lead-Frame DIP Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com