Electronic Components Datasheet Search
  English  ▼

X  

ADE04S04 Datasheet(PDF) 28 Page - Tyco Electronics

Part # ADE04S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE04S04 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button ADE04S04 Datasheet HTML 22Page - Tyco Electronics ADE04S04 Datasheet HTML 23Page - Tyco Electronics ADE04S04 Datasheet HTML 24Page - Tyco Electronics ADE04S04 Datasheet HTML 25Page - Tyco Electronics ADE04S04 Datasheet HTML 26Page - Tyco Electronics ADE04S04 Datasheet HTML 27Page - Tyco Electronics ADE04S04 Datasheet HTML 28Page - Tyco Electronics ADE04S04 Datasheet HTML 29Page - Tyco Electronics ADE04S04 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
Switches
27
Preferred Part Numbers - Power Rocker Switches (Continued)
PRF Series
PRG Series
Product key
Switch function
Rocker color
Text pattern
Part number
PRGSB1-16F-BG000 On-Off, illuminated
green
not applicable
1634202-6
PRGSB1-16F-BR000
red
1634202-5
PRGSA1-16F-BR000
On-Off, opaque
1634202-4
PRGSA1-16F-BB0BW
black
0 - , white printing
1634202-3
PRGSA1-16F-BB0AW
, white printing
1634202-2
PRGSA1-16F-BB000
not applicable
1634202-1
¥
% Tyco Electronics Austria GmbH 2008. All Rights Reserved.
All technical data listed is for description purposes only and does
not guarantee characteristics. All drawings, photos and
descriptions are subject to change without prior notice.
We are not able to guarantee that the specified circuits,
descriptions and tables are not covered by rights of third parties.
Terms of delivery and rights to change design reserved.
Product key
Switch function
Rocker color
Text pattern
Part number
PRFDA1-16F-BB000
On-Off, opaque
black
not applicable
1634201-1
PRFDA1-16F-BB0BW
0 - , white printing
1634201-2
PRFDA1-16F-BB0CW
0 l , white printing
1634201-3
PRFDB1-16F-BR000
On-Off, illuminated
red
not applicable
1634201-4
PRFDB1-16F-BG000
green
1634201-5
PRFDB1-16F-BY000
yellow
1634201-6
PRFDD1-16F-BB000
On-On, opaque
black
1634201-7
PRFDD1-16F-BB0DW
l ll , white printing
1634201-8
PRFDD1-16F-BB0EW
- = , white printing
1634201-9
PRFDD3-16F-BB000 On-Off-On, opaque
not applicable
1-1634201-0
PRFDD3-16F-BB0FW
l 0 ll, white printing
1-1634201-1
PRFDD3-16F-BB0GW
- 0 =, white printing
1-1634201-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com