Electronic Components Datasheet Search
  English  ▼

X  

JJS-70 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # JJS-70
Description  LIMITRON??600V Class T JJS ??600Vac, 1-800A, Fast-Acting Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

JJS-70 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  JJS-70 Datasheet HTML 1Page - Cooper Bussmann, Inc. JJS-70 Datasheet HTML 2Page - Cooper Bussmann, Inc. JJS-70 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0713
BU-SB13737
Page 1 of 3
Data Sheet # 1029
LIMITRON™ 600V Class T
JJS — 600Vac, 1-800A, Fast-Acting Fuses
Description: Advanced protection Class T current-limiting,
fast-acting fuses.
Catalog Symbol: JJS-(amp)
Ratings:
Volts — 600Vac
Amps — 1-800A
IR — 200kA Vac RMS Sym.
Agency Information:
CE, UL Listed, Std. 248-15, Class T, Guide JDDZ, File E4273
CSA Certified, C22.2 No. 248.15, Class 1422-02, File 53787
Catalog Numbers (amps)
JJS-1
JJS-45
JJS-200
JJS-2
JJS-50
JJS-225
JJS-3
JJS-60
JJS-250
JJS-6
JJS-70
JJS-300
JJS-10
JJS-80
JJS-350
JJS-15
JJS-90
JJS-400
JJS-20
JJS-100
JJS-450
JJS-25
JJS-110
JJS-500
JJS-30
JJS-125
JJS-600
JJS-35
JJS-150
JJS-800
JJS-40
JJS-175
Carton Quantity and Weight
Amp Rating
Carton Qty.
1–30
10
35–60
10
70–100
5
110–200
1
225–400
1
450–600
1
800
1
Dimensions – in
Features:
• Small, space-saving fuses provide a high degree of current-
limitation on short-circuits for excellent component
protection
• Commonly applied in electric heat circuits, load center,
disconnect switches, and meters
• The small size of the JJS Class T fuses permits installation
in panelboards and control centers for system upgrading
when existing circuit breakers cannot safely interrupt larger
available short-circuit currents
• High speed response for semiconductor protection
• Available for printed circuit board applications
Recommended Fuse Blocks
Amps Rating
1-Pole
2-Pole
3-Pole
1-30
T60030-1_
T60030-2_
T60030-3_
35-60
T60060-1_
T60060-2_
T60060-3_
70-100
T60100-1_
T60100-2_
T60100-3_
110-200
T60200-1_
1B0089
2225-400
T60400-1_
450-600
T60600-1_
For additional information on the 600 volt Class T fuse blocks,
see Data Sheet # 1116.
3.98"
( 0.04)
2.95"
1.78"
1.25"
( 0.04)
450 to 600A
3.63"
( 0.04)
2.72"
1.73"
1"
( 0.04)
225 to 400A
601 to 800A
4.33"
( 0.04)
3.17"
1.88"
1.75"
( 0.04)
0.88"
( 0.04)
3.25"
( 0.04)
2.5"
1.66"
1
10 to 200A
Dia. 0.56"
( 0.04)
1 to 30A
1.5"
( 0.04)
Dia. 0.81"
( 0.04)
0.75"
( 0.04)
2.95"
( 0.04)
2.36"
1.64"
70 to 100A
0.344"
(Typ. 2)
0.563"
(Typ. 2)
0.484"
(Typ. 2)
0.406"
(Typ. 2)
0.281"
(Typ. 2)
35 to 60A


Similar Part No. - JJS-70

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-70 COOPER-JJS-70 Datasheet
289Kb / 3P
JJS ??600Vac, 1-800A, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
JJS-70 EATON-JJS-70 Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
More results

Similar Description - JJS-70

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JJS-60 COOPER-JJS-60 Datasheet
291Kb / 3P
JJS - 600Vac, 1-800A, Fast-Acting Fuses
JJS-40 COOPER-JJS-40 Datasheet
291Kb / 3P
JJS 600Vac, 1-800A, Fast-Acting Fuses
KTU-601 COOPER-KTU-601 Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
JJS-1 COOPER-JJS-1 Datasheet
289Kb / 3P
JJS ??600Vac, 1-800A, Fast-Acting Fuses
KTK-R-1 COOPER-KTK-R-1 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Eaton All Rights Reserv...
JJN EATON-JJN Datasheet
825Kb / 4P
JJN Limitron??300Vac, 1-1200A, fast-acting Class T fuses
JJS EATON-JJS Datasheet
1Mb / 4P
JJS Limitron??600Vac, 1-800A, fast-acting Class T fuses
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
KTU EATON-KTU Datasheet
664Kb / 4P
Limitron??KTU Class L 600Vac, 601-6000A, fast-acting fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com