Electronic Components Datasheet Search
  English  ▼

X  

M4D068-CF Datasheet(PDF) 3 Page - ebm-papst

Part # M4D068-CF
Description  direction of air flow "V" counter-clockwise, direction of air flow "A" clockwise
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M4D068-CF Datasheet(HTML) 3 Page - ebm-papst

  M4D068-CF Datasheet HTML 1Page - ebm-papst M4D068-CF Datasheet HTML 2Page - ebm-papst M4D068-CF Datasheet HTML 3Page - ebm-papst M4D068-CF Datasheet HTML 4Page - ebm-papst M4D068-CF Datasheet HTML 5Page - ebm-papst M4D068-CF Datasheet HTML 6Page - ebm-papst M4D068-CF Datasheet HTML 7Page - ebm-papst M4D068-CF Datasheet HTML 8Page - ebm-papst M4D068-CF Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC axial fans
A-Range, Ø 250
- Material: sheet steel (coated in black)
- Direction of rotation: direction of air flow "V" counter-clockwise,
direction of air flow "A" clockwise
- Type of protection: IP 44
ebm-papst · Mulfingen
Type
*2D 250(1)
*2E 250
*4D 250(1)
*4S 250
Motor
M2D068-DF
M2E 068-DF
M4D068-CF
M4S068-CF
VAC
Hz
m3/h
min-1
W
A
µF/VDB
dB(A)
Pa
°C
kg
230/400
50
1685
2650
110
0,22
---
72
300
70
230/400
60
1845
2950
160
0,26
---
75
300
40
230
50
1610
2550
115
0,51
4,0 / 400
72
150
55
230
60
1740
2750
165
0,74
4,0 / 400
73
130
50
230/400
50
890
1420
30
0,09
---
58
90
75
230/400
60
1035
1650
35
0,08
---
62
100
75
230
50
870
1400
72
0,53
---
58
80
40
230
60
1000
1620
67
0,46
---
62
100
50
Nominal data
subject to alterations
(1) current draw established at 400 VAC (Y)
62
Characteristics
Characteristics
200
400
600
800
1000
0
200
400
600
[CFM]
20
40
60
80
100
[m
3/h]
60 Hz
50 Hz
2
1
3
4
400
800
1200
1600
0
250
500
1000
[CFM]
750
100
200
300
[m
3/h]
60 Hz
50 Hz
2
2
1 1
1
2
2645
123
2615
131
2520
122
2480
126
1420
32
1410
33
1400
70
1395
71
n
[min
-1]
P1
[W]
n
[min
-1]
P1
[W]
1
2
1
2
1
2
1
2
1
2
3
4
1
1
2
2
3
3
4
4
2,2
2,2
1,6
1,7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com