Electronic Components Datasheet Search
  English  ▼

X  

TPS2212IDBR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2212IDBR
Description  SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2212IDBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2212IDBR Datasheet HTML 12Page - Texas Instruments TPS2212IDBR Datasheet HTML 13Page - Texas Instruments TPS2212IDBR Datasheet HTML 14Page - Texas Instruments TPS2212IDBR Datasheet HTML 15Page - Texas Instruments TPS2212IDBR Datasheet HTML 16Page - Texas Instruments TPS2212IDBR Datasheet HTML 17Page - Texas Instruments TPS2212IDBR Datasheet HTML 18Page - Texas Instruments TPS2212IDBR Datasheet HTML 19Page - Texas Instruments TPS2212IDBR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TPS2212
SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
FOR LOW POWER PC CARD SLOTS
SLVS193A – APRIL 1999 – REVISED JANUARY 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ESD protection
All TPS2212 inputs and outputs incorporate ESD-protection circuitry designed to withstand a 2-kV human-body-
model discharge as defined in MIL-STD-883C, Method 3015. The VCC and VPP outputs can be exposed to po-
tentially higher discharges from the external environment through the PC Card connector. Bypassing the outputs
with 0.1-
µF capacitors protects the devices from discharges up to 10 kV.
SHDN
VPPD0
VPPD1
VCCD0
VCCD1
OC
Internal
Current Monitor
GND
Thermal
CS
CS
S4
S5
S6
13
12
11
10
17
51
18
52
VCC1
VCC2
Vpp1
Vpp2
Card B
S1
S2
S3
3
4
5
6
9
16
15
14
1
2
8
7
CPU
Controller
3.3 V
3.3 V
5 V
5 V
3.3 V to 12 V
VPPI
TPS2212
See Note A
NOTE A: MOSFET switch S6 has a back-gate diode from the source to the drain. Unused switch inputs should never be grounded.
Figure 25. Internal Switching Matrix, TPS2212 Control Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com