Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6734IP
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6734IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS6734IP Datasheet HTML 9Page - Texas Instruments TPS6734IP Datasheet HTML 10Page - Texas Instruments TPS6734IP Datasheet HTML 11Page - Texas Instruments TPS6734IP Datasheet HTML 12Page - Texas Instruments TPS6734IP Datasheet HTML 13Page - Texas Instruments TPS6734IP Datasheet HTML 14Page - Texas Instruments TPS6734IP Datasheet HTML 15Page - Texas Instruments TPS6734IP Datasheet HTML 16Page - Texas Instruments TPS6734IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bootstrapped output circuit
For operation below 2.7 V, the TPS6734 may be connected in a bootstrap configuration as shown in Figure 11.
The bootstrap configuration is less efficient (requires more supply current and suffers a loss in efficiency at
voltages below 5 V; see Figure 12) and is not recommended except for very low voltage operating conditions.
Because the output-driver stage, which benefits most from higher voltages, is diode-coupled to the output
voltage (see Figure 2), the bootstrapped configuration provides no benefit except at very low voltages. In the
shutdown mode (EN = low), no-load quiescent current is unchanged (3
µA max) whether in the bootstrap or the
typical configuration.
VCC
FB
OUT
GND
EN
REF
SS
COMP
1
2
3
4
8
7
6
5
TPS6734
0.001
µF
18
µH
1 A, 20 V
VI
2 V to 12 V
ENABLE
+
33
µF
VO
12 V, 120 mA
0.0047
µF
Figure 11. TPS6734 Bootstrap Configuration
82
80
76
74
10 20 30 40 50 60 70
72
84
EFFICIENCY
vs
OUTPUT CURRENT FOR TYPICAL AND BOOTSTRAP
86
80 90 100
140
78
110 120 130
IO – Output Current – mA
70
68
66
Typical
Bootstrap
VCC = 5 V
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com