Electronic Components Datasheet Search
  English  ▼

X  

TPS61311 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61311
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61311 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61311 Datasheet HTML 1Page - Texas Instruments TPS61311 Datasheet HTML 2Page - Texas Instruments TPS61311 Datasheet HTML 3Page - Texas Instruments TPS61311 Datasheet HTML 4Page - Texas Instruments TPS61311 Datasheet HTML 5Page - Texas Instruments TPS61311 Datasheet HTML 6Page - Texas Instruments TPS61311 Datasheet HTML 7Page - Texas Instruments TPS61311 Datasheet HTML 8Page - Texas Instruments TPS61311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
TPS61310, TPS61311
www.ti.com
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS
Unless otherwise noted the specification applies for VIN = 3.6V over an operating junction temp. –40°C ≤ TJ ≤ 125°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.5
5.5
V
IOUT = 0 mA, device not switching (Power Safe
Mode)
590
700
μA
–40°C
≤ TJ ≤ +85°C
IQ
Operating quiescent current into AVIN
IOUT(DC) = 0mA, PWM operation
mA
11.3
VOUT = 4.95V, voltage regulation mode
ISD
Shutdown current
–40°C
≤ TJ ≤ +85°C
1
5
μA
VUVLO
Undervoltage lockout threshold
VIN falling
2.3
2.4
V
(analog circuitry)
OUTPUT
Current regulation mode
VIN
5.5
V
Output voltage range
Voltage regulation mode
3.825
5.7
V
VOUT
Internal feedback voltage accuracy
2.5V
≤ VIN ≤ 4.8V, –20°C ≤ TJ ≤ +125°C
–2%
2%
Boost mode, PWM voltage regulation
Power-save mode ripple voltage
IOUT = 10 mA
0.015 VOUT
VP-P
VOUT rising, 0000 ≤ OV[3:0] ≤ 0100
4.5
4.65
4.8
V
Output overvoltage protection
OVP
VOUT rising, 0101 ≤ OV[3:0] ≤ 1111
5.8
6.0
6.2
V
Output overvoltage protection hysteresis
VOUT falling
0.15
V
POWER SWITCH
rDS(on)
Switch MOSFET on-resistance
VOUT = VGS = 3.6 V
90
m
Ω
Rectifier MOSFET on-resistance
VOUT = VGS = 3.6 V
135
m
Ω
Ilkg(SW)
Leakage into SW
VOUT = 0V, SW = 3.6V, –40°C ≤ TJ ≤ +85°C
0.3
4
μA
VOUT = 4.95V
Ilim
Rectifier valley current limit (open-loop)
–20°C
≤ TJ ≤ +85°C
–15
+15
%
PWM operation, relative to selected ILIM
OSCILLATOR
fOSC
Oscillator frequency
1.92
MHz
fACC
Oscillator frequency
–10
+7
%
THERMAL SHUTDOWN, HOT DIE DETECTOR
Thermal shutdown(1)
140
160
°C
Thermal shutdown hysteresis(1)
20
°C
Hot die detector accuracy(1)
–8
8
°C
(1)
Verified by characterization. Not tested in production.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61310 TPS61311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com