Electronic Components Datasheet Search
  English  ▼

X  

DD211 Datasheet(PDF) 3 Page - API Technologies Corp

Part # DD211
Description  PIN Diode Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DD211 Datasheet(HTML) 3 Page - API Technologies Corp

  DD211 Datasheet HTML 1Page - API Technologies Corp DD211 Datasheet HTML 2Page - API Technologies Corp DD211 Datasheet HTML 3Page - API Technologies Corp DD211 Datasheet HTML 4Page - API Technologies Corp DD211 Datasheet HTML 5Page - API Technologies Corp DD211 Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DD217
Dual High Current Driver
Tw o independent universal medium speed (100 ns)
drivers w ith separate positive and negative quiescent
output current programming and separate
input logic mode control. This driver is of ten
used in SPDT applications by driving both inputs
f rom the same TTL input signal and applying
opposite logic inputs to the tw o mode controls.
1. Inputs are inverting w hen M ode control has a logic
high input.
2. Inputs are non-invertin g w hen M ode control has a
logic low input.
3. To increase positive output current f rom the normal
+30 mA to +50 mA , connect +50 mA pin to +5 V .
4. To increase negative output current f rom the normal
–30 mA to –50 mA , connect –50 mA pin to V ee.
5. The negative output current does not vary w ith \/ee,
w hich should not exceed –5 V w hen driving
grounded anode diodes to avoid high pow er
dissip ation in the drivers.
Output #1
+50ma #1
+5V
Input #1
M ode Control #1
Ground
M ode Control #2
Input #2
+50ma #2
V ee (– 5V to – 15V )
Output #2
1
11
11
22
12
645
SQ
M A X
DD217
X X X X
TOP V IEW
500 M IN TY P
0.038
0.050
Pkg
Bottom
.067
.125
M A X
M ETA L W ELDED PA CK A GE
395
M A X
645 M A X
– 50ma
– 50ma
0.015
TY P
010 TY P
HIG H CU RRENT DRIVERS
DD111/M
2
24/40 36/60 24/40 36/60
4.0
DD211/M
3
16
24
16
24
4.0
DD211B
3
40
60
40
60
4.0
DD311A
4
16
24
16
24
4.0
DDF11/M
4
40
60
40
60
4.0
DDF2311
6
16
24
16
24
4.0
DDF3311
6
40
60
40
60
4.0
11.0
100
200
1
45
30
4.5
5.5
3
16
1.0
0.8
11.0
100
200
1
90
50
4.5
5.5
3
16
1.5
1.2
11.0
100
200
1
90
50
4.5
5.5
3
16
1.5
1.2
11.0
100
200
1
15
60
4.5
5.5
3
16
1.9
1.2
11.0
100
200
1
45
60
4.5
5.5
3
16
1.9
1.2
11.0
100
200
1
60
90
4.5
5.5
3
16
2.8
1.2
11.0
100
200
1
75
90
4.5
5.5
3
16
2.8
1.2
M ODEL
OUTPUT CURRENT
M INIM UM
OPEN CK T
OUTPUT (V )
M A X IM UM
SW ITCHING
TIM ES (n s )
D.C. (m A )
POSITIV E
M IN
M A X
NEGA TIV E
M IN
M A X
POS
NEG
To n
To f f
1
2
3
M IN
M A X
M IN
M A X
M A X
REP.
RA TE
(M Hz )
M A X IM UM
INTERNA L
CURRENT
DRA IN
(m A )
OPERA TING V OLTA GE
LIM ITS (V )
4
M A X
POW ER
DISSIPA -
TION (W )
5
+5 V
V e e
+5 V
V ee
100º C
CA SE
25º C
A M B
NOTES:
1 Output current measured into a 10 ohm load to ground.
2 Load is a 50 pF (39 + 10 scope probe) capacitor in parallel w ith a grounded cathode HP5082-0C01 PIN diode.
Ton is measured f rom 50% of input (f rom a S<A SOO gate) to 10 +1 V diode load.
Tof f is measured f rom 50% of input to the rated open ckt negative voltage across diode load.
3 Exclusive of current supplied to the load.
4 To avoid exceeding pow er rating, the max V ee should be held to 5 V w hen driving ground ed anode diode.
5 Derate linearity to 175º C. Temperature is measured at case bottom, w hich should be heat sunk if necessary.
Continued on next page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com