Electronic Components Datasheet Search
  English  ▼

X  

AD590JF Datasheet(PDF) 9 Page - Analog Devices

Part # AD590JF
Description  2-Terminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590JF Datasheet(HTML) 9 Page - Analog Devices

Back Button AD590JF Datasheet HTML 5Page - Analog Devices AD590JF Datasheet HTML 6Page - Analog Devices AD590JF Datasheet HTML 7Page - Analog Devices AD590JF Datasheet HTML 8Page - Analog Devices AD590JF Datasheet HTML 9Page - Analog Devices AD590JF Datasheet HTML 10Page - Analog Devices AD590JF Datasheet HTML 11Page - Analog Devices AD590JF Datasheet HTML 12Page - Analog Devices AD590JF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 9 of 16
As an example, for the TO-52 package, θJC is the thermal
resistance between the chip and the case, about 26°C/W. θCA is
the thermal resistance between the case and the surroundings
and is determined by the characteristics of the thermal
connection. Power source P represents the power dissipated
on the chip. The rise of the junction temperature, TJ, above the
ambient temperature, TA, is
TJ − TA = P(θJC + θCA)
(1)
Table 4 gives the sum of θJC and θCA for several common
thermal media for both the H and F packages. The heat sink
used was a common clip-on. Using Equation 1, the temperature
rise of an AD590 H package in a stirred bath at 25°C, when
driven with a 5 V supply, is 0.06°C. However, for the same
conditions in still air, the temperature rise is 0.72°C. For a given
supply voltage, the temperature rise varies with the current and
is PTAT. Therefore, if an application circuit is trimmed with the
sensor in the same thermal environment in which it is used, the
scale factor trim compensates for this effect over the entire
temperature range.
Table 4. Thermal Resistance
θJC + θCA
(°C/Watt)
τ (sec)1
Medium
H
F
H
F
Aluminum Block
30
10
0.6
0.1
Stirred Oil2
42
60
1.4
0.6
Moving Air3
With Heat Sink
45
–
5.0
–
Without Heat Sink
115
190
13.5
10.0
Still Air
With Heat Sink
191
–
108
–
Without Heat Sink
480
650
60
30
1 τ is dependent upon velocity of oil; average of several velocities listed above.
2 Air velocity @ 9 ft/sec.
3 The time constant is defined as the time required to reach 63.2% of an
instantaneous temperature change.
The time response of the AD590 to a step change in
temperature is determined by the thermal resistances and the
thermal capacities of the chip, CCH, and the case, CC. CCH is
about 0.04 Ws/°C for the AD590. CC varies with the measured
medium, because it includes anything that is in direct thermal
contact with the case. The single time constant exponential
curve of Figure 16 is usually sufficient to describe the time
response, T (t). Table 4 shows the effective time constant, τ, for
several media.
Figure 16. Time Response Curve
TFINAL
TINITIAL
4
TIME
T(t) = TINITIAL + (TFINAL – TINITIAL) × (1 – e–t/)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com