Electronic Components Datasheet Search
  English  ▼

X  

AD652SQ2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD652SQ2
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652SQ2 Datasheet(HTML) 5 Page - Analog Devices

  AD652SQ2 Datasheet HTML 1Page - Analog Devices AD652SQ2 Datasheet HTML 2Page - Analog Devices AD652SQ2 Datasheet HTML 3Page - Analog Devices AD652SQ2 Datasheet HTML 4Page - Analog Devices AD652SQ2 Datasheet HTML 5Page - Analog Devices AD652SQ2 Datasheet HTML 6Page - Analog Devices AD652SQ2 Datasheet HTML 7Page - Analog Devices AD652SQ2 Datasheet HTML 8Page - Analog Devices AD652SQ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD652
Rev. C | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Total Supply Voltage +VS to −VS
36 V
Maximum Input Voltage (Figure 6)
36 V
Maximum Output Current
(Open Collector Output)
50 mA
Amplifier Short-Circuit to Ground
Indefinite
Storage Temperature Range: CERDIP
−65°C to +150°C
Storage Temperature Range: PLCC
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
DEFINITIONS OF SPECIFICATIONS
Gain Error
The gain of a voltage-to-frequency converter is the scale factor
setting that provides the nominal conversion relationship, e.g.,
1 MHz full scale. The gain error is the difference in slope
between the actual and ideal transfer functions for the V-F
converter.
Linearity Error
The linearity error of a V-F is the deviation of the actual
transfer function from a straight line passing through the
endpoints of the transfer function.
Gain Temperature Coefficient
The gain temperature coefficient is the rate of change in full-
scale frequency as a function of the temperature from +25°C to
TMIN or TMAX.
Table 3. Pin Configurations
Pin No.
Q-16 Package
P-20A Package
1
+VS
NC
2
TRIM
+VS
3
TRIM
NC
4
OP AMP OUT
OP AMP OUT
5
OP AMP “−“
OP AMP “−“
6
OP AMP “+”
OP AMP “+”
7
10 VOLT INPUT
5 VOLT INPUT
8
−VS
10 VOLT INPUT
9
COS
8 VOLT INPUT
10
CLOCK INPUT
OPTIONAL 10 V INPUT
11
FREQ OUT
−VS
12
DIGITAL GND
COS
13
ANALOG GND
CLOCK INPUT
14
COMP “−“
FREQ OUT
15
COMP “+”
DIGITAL GND
16
COMP REF
ANALOG GND
17
COMP “−“
18
COMP “+”
19
NC
20
COMP REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com