Electronic Components Datasheet Search
  English  ▼

X  

AD8110AST Datasheet(PDF) 7 Page - Analog Devices

Part # AD8110AST
Description  260 MHz, 16  8 Buffered Video Crosspoint Switches
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8110AST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8110AST Datasheet HTML 3Page - Analog Devices AD8110AST Datasheet HTML 4Page - Analog Devices AD8110AST Datasheet HTML 5Page - Analog Devices AD8110AST Datasheet HTML 6Page - Analog Devices AD8110AST Datasheet HTML 7Page - Analog Devices AD8110AST Datasheet HTML 8Page - Analog Devices AD8110AST Datasheet HTML 9Page - Analog Devices AD8110AST Datasheet HTML 10Page - Analog Devices AD8110AST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
REV. A
AD8110/AD8111
–6–
Table III. Operation Truth Table
SER/
CE
UPDATE
CLK
DATA IN
DATA OUT
RESET
PAR
Operation/Comment
1
X
X
X
X
X
X
No change in logic.
01
f
Data i
Data i-40
1
0
The data on the serial DATA IN line is loaded
into serial register. The first bit clocked into
the serial register appears at DATA OUT 40
clocks later.
01
f
D0 . . . D4,
NA in Parallel
1
1
The data on the parallel data lines, D0–D4, are
A0 ...A2
Mode
loaded into the 40-bit serial shift register loca-
tion addressed by A0–A2.
0
0
X
X
X
1
X
Data in the 40-bit shift register transfers into the
parallel latches that control the switch array.
Latches are transparent.
X
X
X
X
X
0
X
Asynchronous operation. All outputs are disabled.
Remainder of logic is unchanged.
D
CLK
Q
A0
A1
A2
CLK
CE
UPDATE
8
128
DATA IN
(SERIAL)
(OUTPUT
ENABLE)
SER/PAR
RESET
(OUTPUT ENABLE)
OUT0 EN
DATA
OUT
PARALLEL
DATA
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D1
D2
D3
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
OUT1 EN
OUT2 EN
OUT3 EN
OUT4 EN
OUT5 EN
OUT6 EN
OUT7 EN
D
LE
Q
CLR
OUT7
EN
OUTPUT ENABLE
SWITCH MATRIX
S
D1
Q
D0
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
D Q
CLK
S
D1
Q
D0
D4
DECODE
D
LE
Q
CLR
OUT0
EN
D
LE
OUT0
B0
Q
D
LE
Q
OUT0
B1
D
LE
Q
OUT0
B2
D
LE
Q
OUT0
B3
D
LE
OUT1
B0
Q
D
LE
Q
CLR
OUT6
EN
D
LE
OUT7
B0
Q
D
LE
OUT7
B1
Q
D
LE
OUT7
B2
Q
D Q
CLK
S
D1
Q
D0
S
D1
Q
D0
D
LE
OUT7
B3
Q
S
D1
Q
D0
Figure 4. Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com