| Electronic Components Datasheet Search |
|
AD8314ARM Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8314ARM Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() AD8314 Rev. B | Page 17 of 20 VSET (V) Figure 40 shows the relationship between the setpoint voltage, VSET and output power at 0.9 GHz. The overall gain control function is linear in dB for a dynamic range of over 40 dB. Figure 41 shows a similar circuit for a single band handset power amplifier. The BGY241 (Phillips) is driven by a nominal power level of 0 dBm. A 20 dB directional coupler, DC09-73 (Alpha), is used to couple the signal in this case. Figure 42 shows the relationship between the control voltage and the output power at 0.9 GHz. In both of these examples, noise on the V_DN pin can be reduced by placing a simple RC low-pass filter between VDN and the gain control pin of the power amplifier. However, the value of the resistor should be kept low to minimize the voltage drop across it due to the dc current flowing into the gain control input. 40 –30 01.2 30 20 10 0 –10 –20 0.2 0.4 0.6 0.8 1.0 Figure 40. POUT vs. VSET at 0.9 GHz for Dual Mode Handset Power Amplifier Application VS 2.7V VSET 0V TO 1.1V 0dBm MAX ATTN 15dB CF 220pF TO ANTENNA 52.3Ω VS 1 2 3 4 ENBL RFIN AD8314 8 7 6 5 VSET FLTR V_DN VPOS COMM V_UP 0.1µF RF INPUT 35dBm MAX 47µF BGY241 15dBm 2.2µF 680pF PIN 0dBm DC09-73 6 3 4 5 12 3.5V Figure 41. A Single Mode Power Amplifier Control Circuit 40 –50 0 VSET (V) 30 20 10 0 –10 –20 –30 –40 0.2 0.4 0.6 0.8 1.0 Figure 42. POUT vs. VSET at 0.9 GHz for Single Mode Handset |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |