Electronic Components Datasheet Search
  English  ▼

X  

AD8314ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8314ARMZ
Description  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8314ARMZ Datasheet HTML 4Page - Analog Devices AD8314ARMZ Datasheet HTML 5Page - Analog Devices AD8314ARMZ Datasheet HTML 6Page - Analog Devices AD8314ARMZ Datasheet HTML 7Page - Analog Devices AD8314ARMZ Datasheet HTML 8Page - Analog Devices AD8314ARMZ Datasheet HTML 9Page - Analog Devices AD8314ARMZ Datasheet HTML 10Page - Analog Devices AD8314ARMZ Datasheet HTML 11Page - Analog Devices AD8314ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8314
Rev. B | Page 8 of 20
VENBL
5V PER VERTICAL DIVISION
VDN GND
VUP GND
VENBL GND
VDN 500mV/VERTICAL
DIVISION
1µs PER
HORIZONTAL
DIVISION
AVERAGE: 128 SAMPLES
VUP 500mV/VERTICAL DIVISION
Figure 16. ENBL Response Time
1
2
3
4
ENBL
RFIN
AD8314
RF OUT
TEK
TDS784C
SCOPE
TRIG
OUT
HP8116A
PULSE
GENERATOR
10MHz REF OUTPUT
NC = NO CONNECT
0.1µF
NC
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
TEK P6204
FET PROBE
TEK P6204
FET PROBE
3.0V
PULSE OUT
TRIG
52.3Ω
–33dBV
HP8648B
SIGNAL
GENERATOR
EXT TRIG
Figure 17. Test Setup for ENBL Response Time
80
–5
10
10M
FREQUENCY (Hz)
0
–170
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
Figure 18. AC Response from VSET to V_DN
200mV PER
VERTICAL
DIVISION
100ns PER
HORIZONTAL
DIVISION
RF INPUT
AVERAGE: 128 SAMPLES
PULSED RF
0.1GHz, –13dBV
GND
GND
VUP 500mV/
VERTICAL
DIVISION
VDN 1V/VERTICAL
DIVISION
Figure 19. VUP and VDN Response Time, −40 dBm to 0 dBm
TEK
TDS784C
SCOPE
–3dB
–3dB
HP8648B
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
TRIG
OUT
TRIG
1
2
3
4
ENBL
RFIN
AD8314
NC = NO CONNECT
0.1µF
NC
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
TEK P6204
FET PROBE
TEK P6204
FET PROBE
TEK P6204
FET PROBE
3.0V
52.3Ω
RF OUT
PICOSECOND
PULSE LABS
PULSE
GENERATOR
10MHz REF OUTPUT
EXT TRIG
NC
OUT
PULSE MODE IN
3.0V
RF
SPLITTER
Figure 20. Text Setup for Pulse Response
10
0.1
100
10M
FREQUENCY (Hz)
1
1k
10k
100k
1M
40dBm
–
–30dBm
–20dBm
RF INPUT
–70dBm
–50dBm
–60dBm
Figure 21. VDN Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com